Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1669-01 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 1669-01
Description  Transient Protector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

1669-01 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  1669-01 Datasheet HTML 1Page - Bourns Electronic Solutions 1669-01 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Installation Diagrams
Product Dimensions
This ‘double ended’ type is used when the field instrument has
only a single conduit entry port; the protector attaches to the
instrument, and the connection to the field wiring is made inside
an external, appropriately rated box connected to the other end
of the protector.
The ‘single ended’ protectors are useful for field devices with
dual conduit ports; the field wiring connects to one port while
the 1669 protector connects into the second - all connections
are made within the instrument’s wiring cavity. This installation
simplifies the task of maintenance or of adding a protector into
an existing loop.
1669
1669-01, 1669-02
(For control room protector
use 1820-28-A1/A3)
1669-05, 1669-06
(For control room protector
use 1820-28-A1/A3)
1669
How To Order
1669 - XX
Model Number Designator
01
05
02
06
Asia-Pacific:
Tel: +886-2 2562-4117
Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555
Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500
Fax: +1-951 781-5700
www.bourns.com
1669-01, 1669-02
1669-05, 1669-06
REV. G 04/09
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
1669 Series – Transient Protector
MILLIMETERS
(INCHES)
DIMENSIONS:
100.00
(3.94)
300
(11.81)
TYP.
1/2-14 NPT,
2 PLCS.
115.00
(4.53)
300
(11.81)
TYP.
1/2-14 NPT


Similar Part No. - 1669-01

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
1669-01 BOURNS-1669-01 Datasheet
174Kb / 2P
   Transient Protector
More results

Similar Description - 1669-01

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
1669 BOURNS-1669 Datasheet
174Kb / 2P
   Transient Protector
logo
Central Semiconductor C...
CMPLC1V5 CENTRAL-CMPLC1V5 Datasheet
82Kb / 2P
   SURFACE MOUNT LOW CAPACITANCE ESD TRANSIENT DATA LINE PROTECTOR
CMPLC1V5 CENTRAL-CMPLC1V5_10 Datasheet
329Kb / 2P
   SURFACE MOUNT LOW CAPACITANCE SILICON ESD TRANSIENT DATA LINE PROTECTOR
logo
Pan Jit International I...
PJLC1V5 PANJIT-PJLC1V5 Datasheet
180Kb / 4P
   LOW CAPACITANCE ESD / TRANSIENT DATA LINE PROTECTOR FOR 1.5V SYSTEMS
PJLC1V5 PANJIT-PJLC1V5_06 Datasheet
65Kb / 4P
   SINGLE AND DUAL LOW CAPACITANCE ESD / TRANSIENT PROTECTOR FOR 1.5 V SYSTEMS
logo
AUK corp
SIP25M AUK-SIP25M Datasheet
185Kb / 4P
   IC protector
logo
Bourns Electronic Solut...
CDSOT23-T24CAN BOURNS-CDSOT23-T24CAN Datasheet
505Kb / 6P
   CANbus Protector
logo
Littelfuse
P1402C_L LITTELFUSE-P1402C_L Datasheet
157Kb / 2P
   TwinSLIC??Protector
logo
GOOD-ARK Electronics
SES2V8P8U GOOD-ARK-SES2V8P8U Datasheet
165Kb / 3P
   ESD Protector
SES5VD523-2B GOOD-ARK-SES5VD523-2B Datasheet
218Kb / 4P
   ESD Protector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com