Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1840210404MV Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MKP1840210404MV
Description  AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1840210404MV Datasheet(HTML) 2 Page - Vishay Siliconix

  MKP1840210404MV Datasheet HTML 1Page - Vishay Siliconix MKP1840210404MV Datasheet HTML 2Page - Vishay Siliconix MKP1840210404MV Datasheet HTML 3Page - Vishay Siliconix MKP1840210404MV Datasheet HTML 4Page - Vishay Siliconix MKP1840210404MV Datasheet HTML 5Page - Vishay Siliconix MKP1840210404MV Datasheet HTML 6Page - Vishay Siliconix MKP1840210404MV Datasheet HTML 7Page - Vishay Siliconix MKP1840210404MV Datasheet HTML 8Page - Vishay Siliconix MKP1840210404MV Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MKP 1840 M
Vishay Roederstein AC and Pulse Metallized Polypropylene Film Capacitors
MKP Radial Potted Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 26018
148
Revision: 01-Jul-10
COMPOSITION OF CATALOG NUMBER
Note
For detailed tape specifications refer to “Packaging Information” www.vishay.com/doc?28139 or end of catalog
SPECIFIC REFERENCE DATA
MKP 1840
X
XX
40
4
M
X
CAPACITANCE
(numerically)
Example:
410 = 100 nF
MULTIPLIER
(nF)
0.1
2
13
10
4
100
5
TYPE CONSTRUCTION
VOLTAGE (VDC)
25 = 250 VDC
40 = 400 VDC
63 = 630 VDC
10 = 1000 V
PACKAGING
Bulk (lt: 6.0 mm)
G
Ammopack
V
Reel (pitch: 22.5 mm to 27.5 mm)
W
Reel (pitch: 5.0 mm to 15.0 mm)
TOLERANCE
2± 2 %
3
± 2.5 %
4± 5 %
METALLIZED POLYPROPYLENE
Mini Version
2M for 630 V/400 VAC
DESCRIPTION
VALUE
Tangent of loss angle:
at 1 kHz
at 10 kHz
at 100 kHz
C
≤ 0.1 µF
4 x 10-4
6 x 10-4
40 x 10-4
0.1 µF < C
≤ 1.0 µF
4 x 10-4
10 x 10-4
-
C > 1.0 µF
10 x 10-4
--
Pitch (mm)
Maximum pulse rise time (dU/dt)R [V/µs]
250 VDC
400 VDC
630 VDC
1000 VDC
5
360
540
1080
-
7.5
215
325
510
-
10
150
240
340
1365
15
90
135
185
680
22.5
55
80
110
370
27.5
40
65
85
285
37.5
30
45
60
195
R between leads, for C
≤ 1.0 µF at 100 V, 1 min
> 100 000 M
Ω
RC between leads, for C > 1.0 µF at 100 V, 1 min
> 100 000 s
R between leads and case, 100 V, 1 min
> 30 000 M
Ω
Withstanding (DC) voltage (cut off current 10 mA) rise time 100 V/s
1.6 x URdc, 1 min
Withstanding (DC) voltage between leads and case
500 V, 1 min
Maximum application temperature
100 °C


Similar Part No. - MKP1840210404MV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1840 VISHAY-MKP1840 Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1840-310-405-D VISHAY-MKP1840-310-405-D Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1840-310-405-F VISHAY-MKP1840-310-405-F Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1840-310-405-G VISHAY-MKP1840-310-405-G Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1840-310-405-W VISHAY-MKP1840-310-405-W Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
More results

Similar Description - MKP1840210404MV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
MKP385 VISHAY-MKP385 Datasheet
140Kb / 11P
   Metallized Polypropylene Film AC and Pulse Capacitors MKP Radial Potted Type
Revision: 17-Feb-06
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 30-Nov-10
MKP1840-M VISHAY-MKP1840-M Datasheet
134Kb / 13P
   AC and Pulse Metallized Polypropylene Capacitors MKP Radial Potted Type
Revision: 05-Nov-08
MKP416 VISHAY-MKP416 Datasheet
346Kb / 12P
   Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MMKP383 VISHAY-MMKP383_15 Datasheet
167Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 15-Jan-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com