Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DO3316P-105L Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # DO3316P-105L
Description  SMT Power Inductors ??DO3316P Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DO3316P-105L Datasheet(HTML) 2 Page - Coilcraft lnc.

  DO3316P-105L Datasheet HTML 1Page - Coilcraft lnc. DO3316P-105L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
SMT Power Inductors–DO3316P Series
Document 179-2
Document 179-2 Revised 09/25/12
0.01
0.1
110
1
10
100
1000
0.01
0.1
110
0.1
10000
Frequency (MHz)
1µH
1000 µH
100 µH
10 µH
0.1
1
10
100
1000
10000
0.1
1
10
100
Current (A)
100 µH
10 µH
1µH
1000 µH
Typical L vs Current
Typical L vs Frequency
-40 -200
20
40
60
80
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms
Current Derating
0.370
9,40
0.125 ±0.010
3,18 ±0,254
0.145 ±0.010
3,69 ±0,254
max
0.100
2,54
0.100
2,54
0.110
2,79
0.115
2,92
0.405
10,29
0.300
7,62
0.510
12,95
max
0.330
8,38 dia
0.205
5,21
max
Recommended
Land Pattern
Dash number
Internal code
Start
Finish
*
*
Allow an additional 0.01/0,254
in length and 0.005/0,127 in
height for optional
tin-silver-copper application.
tin-lead and
*
Dimensions are in
inches
mm


Similar Part No. - DO3316P-105L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO3316P-105L COILCRAFT-DO3316P-105L Datasheet
208Kb / 2P
   SMT Power Inductors ??DO3316P Series
DO3316P-105L COILCRAFT-DO3316P-105L Datasheet
210Kb / 2P
   SMT Power Inductors ??DO3316P Series
More results

Similar Description - DO3316P-105L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO3316P-224MLB COILCRAFT-DO3316P-224MLB Datasheet
210Kb / 2P
   SMT Power Inductors - DO3316P Series
DO3316P-223MLB COILCRAFT-DO3316P-223MLB Datasheet
215Kb / 2P
   SMT Power Inductors - DO3316P Series
DO3316P-332 COILCRAFT-DO3316P-332 Datasheet
208Kb / 2P
   SMT Power Inductors ??DO3316P Series
DO3316P-105MLD COILCRAFT-DO3316P-105MLD Datasheet
249Kb / 2P
   SMT Power Inductors DO3316P Series
DO3316P-102 COILCRAFT-DO3316P-102 Datasheet
210Kb / 2P
   SMT Power Inductors ??DO3316P Series
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Coilcraft lnc.
DO5010H-105MLD COILCRAFT-DO5010H-105MLD Datasheet
379Kb / 2P
   SMT Power Inductors - DO5010H Series
DO1813H-331MLD COILCRAFT-DO1813H-331MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
DS5022P-473MLD COILCRAFT-DS5022P-473MLD Datasheet
110Kb / 2P
   SMT Power Inductors ??DS5022P Series
DO1813H-331MLD COILCRAFT-DO1813H-331MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com