Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1502ASL-25AC44 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATF1502ASL-25AC44
Description  High Performance E2PROM CPLD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502ASL-25AC44 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATF1502ASL-25AC44 Datasheet HTML 4Page - ATMEL Corporation ATF1502ASL-25AC44 Datasheet HTML 5Page - ATMEL Corporation ATF1502ASL-25AC44 Datasheet HTML 6Page - ATMEL Corporation ATF1502ASL-25AC44 Datasheet HTML 7Page - ATMEL Corporation ATF1502ASL-25AC44 Datasheet HTML 8Page - ATMEL Corporation ATF1502ASL-25AC44 Datasheet HTML 9Page - ATMEL Corporation ATF1502ASL-25AC44 Datasheet HTML 10Page - ATMEL Corporation ATF1502ASL-25AC44 Datasheet HTML 11Page - ATMEL Corporation ATF1502ASL-25AC44 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ATF1502AS
8
Absolute Maximum Ratings*
Temperature Under Bias .................................. -40°C to +85°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Note:
1.
Minimum voltage is -0.6V DC, which may under-
shoot to -2.0V for pulses of less than 20 ns. Max-
imum output pin voltage is V
CC + 0.75V DC,
which may overshoot to 7.0V for pulses of less
than 20 ns.
Storage Temperature ..................................... -65°C to +150°C
Voltage on Any Pin with
Respect to Ground .........................................-2.0V to +7.0V(1)
Voltage on Input Pins
with Respect to Ground
During Programming.....................................-2.0V to +14.0V(1)
Programming Voltage with
Respect to Ground .......................................-2.0V to +14.0V(1)
AC Characteristics
Symbol
Parameter
-7
-10
-15
-20
-25
Units
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
t
PD1
Input or Feedback to
Non-Registered Output
7.5
10
3
15
20
25
ns
t
PD2
I/O Input or Feedback to
Non-Registered Feedback
79
3
12
16
25
ns
t
SU
Global Clock Setup Time
6
7
11
16
20
ns
t
H
Global Clock Hold Time
0
0
0
0
0
ns
t
FSU
Global Clock Setup Time of
Fast Input
3
3
335
ns
t
FH
Global Clock Hold Time of
Fast Input
0.5
0.5
1
1.5
2
MHz
t
COP
Global Clock to Output Delay
4.5
5
8
10
13
ns
t
CH
Global Clock High Time
3
4
5
6
7
ns
t
CL
Global Clock Low Time
3
4
5
6
7
ns
t
ASU
Array Clock Setup Time
3
3
4
4
5
ns
t
AH
Array Clock Hold Time
2
3
4
5
6
ns
t
ACOP
Array Clock Output Delay
7.5
10
15
20
25
ns
t
ACH
Array Clock High Time
3
4
6
8
10
ns
t
ACL
Array Clock Low Time
3
4
6
8
10
ns
t
CNT
Minimum Clock Global Period
8
10
13
17
22
ns
f
CNT
Maximum Internal Global
Clock Frequency
125
100
76.9
66
50
MHz
t
ACNT
Minimum Array Clock Period
8
10
13
17
22
ns
f
ACNT
Maximum Internal Array
Clock Frequency
125
100
76.9
66
50
MHz


Similar Part No. - ATF1502ASL-25AC44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1502ASL-25AC44 ATMEL-ATF1502ASL-25AC44 Datasheet
316Kb / 25P
   High-performance EEPROM CPLD
ATF1502ASL-25AC44 ATMEL-ATF1502ASL-25AC44 Datasheet
535Kb / 26P
   Highperformance EEPROM CPLD
More results

Similar Description - ATF1502ASL-25AC44

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XC9572XL-7VQ64I XILINX-XC9572XL-7VQ64I Datasheet
86Kb / 8P
   High Performance CPLD
XC9500XV XILINX-XC9500XV Datasheet
212Kb / 19P
   High-Performance CPLD
logo
ATMEL Corporation
ATF1504AS ATMEL-ATF1504AS Datasheet
462Kb / 21P
   High- Performance EE CPLD
ATFI1502AS ATMEL-ATFI1502AS Datasheet
316Kb / 25P
   High-performance EEPROM CPLD
ATF1516AS ATMEL-ATF1516AS Datasheet
266Kb / 11P
   High Performance EE-Based CPLD
logo
Xilinx, Inc
XC9500XL XILINX-XC9500XL Datasheet
293Kb / 18P
   XC9500XL High-Performance CPLD Family Data Sheet
logo
ATMEL Corporation
ATF1502BE ATMEL-ATF1502BE Datasheet
530Kb / 24P
   Highperformance CPLD
ATF1504BE ATMEL-ATF1504BE Datasheet
751Kb / 30P
   Highperformance CPLD
ATF1508BE ATMEL-ATF1508BE Datasheet
791Kb / 30P
   Highperformance CPLD
ATF1508RE ATMEL-ATF1508RE Datasheet
791Kb / 31P
   Highperformance CPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com