Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1516ASL-25QHC208 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATF1516ASL-25QHC208
Description  High Performance EE-Based CPLD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1516ASL-25QHC208 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATF1516ASL-25QHC208 Datasheet HTML 1Page - ATMEL Corporation ATF1516ASL-25QHC208 Datasheet HTML 2Page - ATMEL Corporation ATF1516ASL-25QHC208 Datasheet HTML 3Page - ATMEL Corporation ATF1516ASL-25QHC208 Datasheet HTML 4Page - ATMEL Corporation ATF1516ASL-25QHC208 Datasheet HTML 5Page - ATMEL Corporation ATF1516ASL-25QHC208 Datasheet HTML 6Page - ATMEL Corporation ATF1516ASL-25QHC208 Datasheet HTML 7Page - ATMEL Corporation ATF1516ASL-25QHC208 Datasheet HTML 8Page - ATMEL Corporation ATF1516ASL-25QHC208 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
High
Performance
EE-Based CPLD
ATF1516AS/L
Preliminary
Features
High Density, High Performance Electrically Erasable Complex
Programmable Logic Device
– 256 Macrocells
– 5 Product Terms per Macrocell, Expandable up to 40 per Macrocell
– 160, 192, 208-pins
– 10 ns Maximum Pin-to-Pin Delay
– Registered Operation Up To 100 MHz
– Enhanced Routing Resources
Flexible Logic Macrocell
– D/T/Latch Configurable Flip Flops
– Global and Individual Register Control Signals
– Global and Individual Output Enable
– Programmable Output Slew Rate
– Programmable Output Open Collector Option
– Maximum Logic utilization by burying a register within a COM output
Advanced Power Management Features
– Automatic 3 mA Stand-By for “L” Version (Max.)
– Pin-Controlled 4 mA Stand-By Mode (Typical)
– Programmable Pin-Keeper Inputs and I/Os
– Reduced-Power Feature Per Macrocell
Available in Commercial and Industrial Temperature Ranges
Available in 160-pin PQFP, 192 PGA and 208-pin RQFP Packages
Advanced EE Technology
– 100% Tested
– Completely Reprogrammable
– 100 Program/Erase Cycles
– 20 Year Data Retention
– 2000V ESD Protection
– 200 mA Latch-Up Immunity
JTAG Boundary-Scan Testing to IEEE Std. 1149.1-1990 and 1149.1a-1993 Supported
Fast In-System Programmability (ISP) via JTAG
PCI-compliant
3.3 or 5.0V I/O pins
Security Fuse Feature
Enhanced Features
Improved Connectivity (Additional Feedback Routing, Alternate Input Routing)
Output Enable Product Terms
D - Latch Mode
Combinatorial Output with Registered Feedback within any Macrocell
Three Global Clock Pins
ITD ( Input Transition Detection) Circuits on Global Clocks, Inputs and I/O
Fast Registered Input from Product Term
Programmable “Pin-Keeper” Option
V
CC Power-Up Reset Option
Pull-Up Option on JTAG Pins TMS and TDI
Advanced Power Management Features
– Edge Controlled Power Down “L”
– Individual Macrocell Power Option
– Disable ITD on Global Clocks, Inputs and I/O
Rev. 0994A-A–01/98


Similar Part No. - ATF1516ASL-25QHC208

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1516AE-10 ATMEL-ATF1516AE-10 Datasheet
1Mb / 76P
   2nd Generation EE Complex Programmable Logic Devices
ATF1516AE-5 ATMEL-ATF1516AE-5 Datasheet
1Mb / 76P
   2nd Generation EE Complex Programmable Logic Devices
ATF1516AE-7 ATMEL-ATF1516AE-7 Datasheet
1Mb / 76P
   2nd Generation EE Complex Programmable Logic Devices
More results

Similar Description - ATF1516ASL-25QHC208

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504AS ATMEL-ATF1504AS Datasheet
462Kb / 21P
   High- Performance EE CPLD
logo
Xilinx, Inc
XC9572XL-7VQ64I XILINX-XC9572XL-7VQ64I Datasheet
86Kb / 8P
   High Performance CPLD
XC9500XV XILINX-XC9500XV Datasheet
212Kb / 19P
   High-Performance CPLD
logo
ATMEL Corporation
ATFI1502AS ATMEL-ATFI1502AS Datasheet
316Kb / 25P
   High-performance EEPROM CPLD
ATF1502AS ATMEL-ATF1502AS Datasheet
344Kb / 18P
   High Performance E2PROM CPLD
ATF1500ABV ATMEL-ATF1500ABV Datasheet
293Kb / 12P
   High- Performance EE PLD
ATF16V8B ATMEL-ATF16V8B_14 Datasheet
2Mb / 26P
   High-performance EE PLD
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
ATF16LV8C ATMEL-ATF16LV8C Datasheet
215Kb / 10P
   High- Performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com