Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7818E Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS7818E
Description  12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7818E Datasheet(HTML) 5 Page - Texas Instruments

  ADS7818E Datasheet HTML 1Page - Texas Instruments ADS7818E Datasheet HTML 2Page - Texas Instruments ADS7818E Datasheet HTML 3Page - Texas Instruments ADS7818E Datasheet HTML 4Page - Texas Instruments ADS7818E Datasheet HTML 5Page - Texas Instruments ADS7818E Datasheet HTML 6Page - Texas Instruments ADS7818E Datasheet HTML 7Page - Texas Instruments ADS7818E Datasheet HTML 8Page - Texas Instruments ADS7818E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
®
ADS7818
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VCC = +5V, fSAMPLE = 500kHz, fCLK = 16 • fSAMPLE, and internal +2.5V reference, unless otherwise specified.
POWER SUPPLY REJECTION
vs POWER SUPPLY RIPPLE FREQUENCY
1
10
100
1k
10k
100k
1M
Power Supply Ripple Frequency (Hz)
30
25
20
15
10
5
0
0
FREQUENCY SPECTRUM
(4096 Point FFT; f
IN = 10.9kHz, –0.2dB)
0
250
62.5
187.5
125
Frequency (kHz)
–120
–100
–80
–60
–40
–20
0
FREQUENCY SPECTRUM
(4096 Point FFT; f
IN = 102kHz, –0.2dB)
–100
–80
–60
–40
–20
0
250
62.5
187.5
125
Frequency (kHz)
–120
CHANGE IN FULL-SCALE ERROR
vs EXTERNAL REFERENCE VOLTAGE
2.3
2.0
2.5
2.1
2.2
2.4
External Reference Voltage (V)
–1.2
0.2
–0.4
–0.6
–0.8
–1.0
–0.2
0.0
CHANGE IN OFFSET
vs EXTERNAL REFERENCE VOLTAGE
2.5
1.9
3.1
2.1
2.3
2.7
2.9
External Reference Voltage (V)
–0.4
0.5
0.0
–0.1
–0.2
–0.3
0.1
0.2
0.3
0.4
PEAK-TO-PEAK NOISE
vs EXTERNAL REFERENCE VOLTAGE
2.3
2.0
2.5
2.1
2.2
2.4
External Reference Voltage (LSB)
0.40
0.70
0.65
0.60
0.55
0.50
0.45


Similar Part No. - ADS7818E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7818E BURR-BROWN-ADS7818E Datasheet
151Kb / 13P
   2SC5161
logo
Texas Instruments
ADS7818E/250 TI1-ADS7818E/250 Datasheet
668Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7818E/250G4 TI1-ADS7818E/250G4 Datasheet
668Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7818E/2K5 TI1-ADS7818E/2K5 Datasheet
668Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7818E/2K5G4 TI1-ADS7818E/2K5G4 Datasheet
668Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7818E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7835 TI1-ADS7835_14 Datasheet
840Kb / 21P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 TI1-ADS7834_14 Datasheet
966Kb / 22P
[Old version datasheet]   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7835 BURR-BROWN-ADS7835 Datasheet
169Kb / 13P
   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 BURR-BROWN-ADS7834 Datasheet
145Kb / 13P
   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7818PG4 TI-ADS7818PG4 Datasheet
619Kb / 20P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7834 BURR-BROWN-ADS7834_13 Datasheet
931Kb / 20P
   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7835E TI-ADS7835E Datasheet
824Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7816 BURR-BROWN-ADS7816 Datasheet
226Kb / 13P
   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com