Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATV750-20JC Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATV750-20JC
Description  High Density UV Erasable Programmable Logic Device
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV750-20JC Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATV750-20JC Datasheet HTML 5Page - ATMEL Corporation ATV750-20JC Datasheet HTML 6Page - ATMEL Corporation ATV750-20JC Datasheet HTML 7Page - ATMEL Corporation ATV750-20JC Datasheet HTML 8Page - ATMEL Corporation ATV750-20JC Datasheet HTML 9Page - ATMEL Corporation ATV750-20JC Datasheet HTML 10Page - ATMEL Corporation ATV750-20JC Datasheet HTML 11Page - ATMEL Corporation ATV750-20JC Datasheet HTML 12Page - ATMEL Corporation ATV750-20JC Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ATV750/L
9
Using the ATV750's Many Advanced Features
The ATV750's flexibility puts more usable gates in 24-pins
than other PLDs. The ATV750(L) starts with an architecture
similar to the popular AT22V10, and adds several features:
• Asynchronous Clocks -
Each of the flip-flops in the ATV750(L) has a dedicated
product term driving the clock. The user is no longer
constrained to using one clock for all the registers.
Buried state machines, counters, and registers can all
coexist in one device, while running on separate clocks.
The ATV750(L) clock period matches that of similar
synchronous devices.
• A Full Bank of 10 More Registers -
The ATV750(L) provides two flip-flops for each output
macrocell - a total of 20. Each register has its own clock
and reset product terms, as well as its own SUM term.
• Independent I/O Pin and Feedback Paths -
Each I/O pin on the ATV750(L) has a dedicated input
path. Each of the 20 registers has individual feedback
terms into the array. This feature, combined with
individual product terms for each I/O's output enable,
facilitates designs using bi-directional I/O buses.
• Combinable Sum Terms -
Each output macrocell’s two SUM terms can be
combined in an OR gate before the output or the register.
This provides up to 16 product terms per output or flip-
flop. This architecture increases the number of usable
gates available.
Programming Software Support
Software which is capable of transforming Boolean equa-
tions, state machine descriptions and truth tables into
JEDEC files for the ATV750(L) is available from several
PLD software vendors. Please refer to the Software Sup-
port Information table in the
Programmable Logic Develop-
ment Tools section for more information.
Synchronous Preset and
Asynchronous Reset
One synchronous preset line is provided for all 20 registers
in the ATV750(L). The appropriate input signals to cause
the internal clocks to go to a high state must be received
during a synchronous preset. Appropriate setup and hold
times must be met, as shown in the switching waveform
diagram.
An individual asynchronous reset line is provided for each
of the 20 flip-flops. Both master and slave halves of the flip-
flops are reset when the input signals received combine so
as to force the internal resets high.
Security Fuse Usage
A single fuse is provided to prevent unauthorized copying
of the ATV750(L) fuse patterns. Once programmed, the
output buffers will remain in a high impedance state during
verify.
The security fuse should be programmed last, as its effect
is immediate.
Erasure Characteristics
The entire memory array of an ATV750(L) is erased after
exposure to ultraviolet light at a wavelength of 2537 Å.
Complete erasure is assured after a minimum of 20 min-
utes exposure using 12,000
µW/cm2 intensity lamps
spaced one inch away from the chip. Minimum erase time
for lamps at other intensity ratings can be calculated from
the minimum integrated erasure dose of 15 Wsec/cm
2. To
prevent unintentional erasure, an opaque label is recom-
mended to cover the clear window on any UV erasable
PLD which will be subjected to continuous fluorescent
indoor lighting or sunlight.
Atmel CMOS PLDs
Atmel’s Programmable Logic Devices utilize an advanced
1.5-micron CMOS EPROM technology. This technology's
state of the art features are the optimum combination for
PLDs:
• CMOS technology provides high speed, low power, and
high noise immunity.
• EPROM technology is the most cost effective method for
producing
PLDs
-
surpassing
bipolar
fusible
link
technology in low cost, while providing the necessary
reprogrammability.
• EPROM reprogrammability, which is 100% tested before
shipment, provides inherently better programmability and
reliability than one-time fusible PLDs.
• Atmel's EPROM process has proven extremely reliable
in the volume production of a full line of advanced
EPROM memory products, from 64K to one-megabit
devices.


Similar Part No. - ATV750-20JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
ATV750B-10DM/883 ATMEL-ATV750B-10DM/883 Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
ATV750B-10JC ATMEL-ATV750B-10JC Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
ATV750B-10JI ATMEL-ATV750B-10JI Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
ATV750B-10LM/883 ATMEL-ATV750B-10LM/883 Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
More results

Similar Description - ATV750-20JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV5000 ATMEL-ATV5000 Datasheet
156Kb / 13P
   High Density UV Erasable Programmable Logic Device
ATV2500H ATMEL-ATV2500H Datasheet
661Kb / 15P
   High-Density UV-Erasable Programmable Logic Device
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
   Low-Voltage UV Erasable Programmable Logic Device
ATF2500C ATMEL-ATF2500C_14 Datasheet
620Kb / 24P
   High-performance, High-density, Electrically-erasable Programmable Logic Device
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10C ATMEL-ATF22LV10C Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com