Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC126ADR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74HC126ADR2G
Description  Quad 3-State Noninverting Buffers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC126ADR2G Datasheet(HTML) 3 Page - ON Semiconductor

  MC74HC126ADR2G Datasheet HTML 1Page - ON Semiconductor MC74HC126ADR2G Datasheet HTML 2Page - ON Semiconductor MC74HC126ADR2G Datasheet HTML 3Page - ON Semiconductor MC74HC126ADR2G Datasheet HTML 4Page - ON Semiconductor MC74HC126ADR2G Datasheet HTML 5Page - ON Semiconductor MC74HC126ADR2G Datasheet HTML 6Page - ON Semiconductor MC74HC126ADR2G Datasheet HTML 7Page - ON Semiconductor MC74HC126ADR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC74HC125A, MC74HC126A
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Guaranteed Limit
Symbol
Parameter
Test Conditions
VCC
V
– 55 to
25_C
v 85_C
v 125_C
Unit
VIH
Minimum High−Level Input Voltage
Vout = VCC – 0.1 V
|Iout| v 20 mA
2.0
3.0
4.5
6.0
1.5
2.1
3.15
4.2
1.5
2.1
3.15
4.2
1.5
2.1
3.15
4.2
V
VIL
Maximum Low−Level Input Voltage
Vout = 0.1 V
|Iout| v 20 mA
2.0
3.0
4.5
6.0
0.5
0.9
1.35
1.8
0.5
0.9
1.35
1.8
0.5
0.9
1.35
1.8
V
VOH
Minimum High−Level Output
Voltage
Vin = VIH
|Iout| v 20 mA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
Vin = VIH
|Iout| v 3.6 mA
|Iout| v 6.0 mA
|Iout| v 7.8 mA
3.0
4.5
6.0
2.48
3.98
5.48
2.34
3.84
5.34
2.2
3.7
5.2
VOL
Maximum Low−Level Output
Voltage
Vin = VIL
|Iout| v 20 mA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
Vin = VIL
|Iout| v 3.6 mA
|Iout| v 6.0 mA
|Iout| v 7.8 mA
3.0
4.5
6.0
0.26
0.26
0.26
0.33
0.33
0.33
0.4
0.4
0.4
Iin
Maximum Input Leakage Current
Vin = VCC or GND
6.0
± 0.1
± 1.0
± 1.0
mA
IOZ
Maximum Three−State Leakage
Current
Output in High−Impedance State
Vin = VIL or VIH
Vout = VCC or GND
6.0
± 0.5
± 5.0
± 10
mA
ICC
Maximum Quiescent Supply Current
(per Package)
Vin = VCC or GND
Iout = 0 mA
6.0
4.0
40
160
mA
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6.0 ns)
Symbol
Parameter
VCC
V
Guaranteed Limit
Unit
– 55 to
25_C
v 85_C
v 125_C
tPLH,
tPHL
Maximum Propagation Delay, Input A to Output Y
(Figures 1 and 3)
2.0
3.0
4.5
6.0
90
36
18
15
115
45
23
20
135
60
27
23
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Output Enable to Y
(Figures 2 and 4)
2.0
3.0
4.5
6.0
120
45
24
20
150
60
30
26
180
80
36
31
ns
tPZL,
tPZH
Maximum Propagation Delay, Output Enable to Y
(Figures 2 and 4)
2.0
3.0
4.5
6.0
90
36
18
15
115
45
23
20
135
60
27
23
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 3)
2.0
3.0
4.5
6.0
60
22
12
10
75
28
15
13
90
34
18
15
ns
Cin
Maximum Input Capacitance
10
10
10
pF
Cout
Maximum 3−State Output Capacitance (Output in High−Impedance State)
15
15
15
pF
CPD
Power Dissipation Capacitance (Per Buffer)*
Typical @ 25°C, VCC = 5.0 V
pF
30
* Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC.


Similar Part No. - MC74HC126ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC126ADR2G ONSEMI-MC74HC126ADR2G Datasheet
113Kb / 7P
   Quad 3-State Noninverting Buffers
August, 2014 ??Rev. 15
More results

Similar Description - MC74HC126ADR2G

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74VHC126 IKSEMICON-IN74VHC126 Datasheet
285Kb / 7P
   QUAD 3-STATE NONINVERTING BUFFERS
IN74VHCT125 IKSEMICON-IN74VHCT125 Datasheet
268Kb / 7P
   Quad 3-State Noninverting Buffers
logo
KODENSHI_AUK CORP.
KK74VHCT126 KODENSHI-KK74VHCT126 Datasheet
280Kb / 7P
   Quad 3-State Noninverting Buffers
logo
System Logic Semiconduc...
SL74HC125 SLS-SL74HC125 Datasheet
45Kb / 5P
   Quad 3-State Noninverting Buffers
logo
ON Semiconductor
MC74HC125A ONSEMI-MC74HC125A Datasheet
171Kb / 8P
   Quad 3-State Noninverting Buffers
March, 2000 ??Rev. 9
logo
Integral Corp.
IN74HCT125A INTEGRAL-IN74HCT125A Datasheet
136Kb / 5P
   QUAD 3-STATE NONINVERTING BUFFERS
logo
KODENSHI_AUK CORP.
KK74VHCT125 KODENSHI-KK74VHCT125 Datasheet
279Kb / 7P
   Quad 3-State Noninverting Buffers
logo
ON Semiconductor
MC74HC125A ONSEMI-MC74HC125A_14 Datasheet
113Kb / 7P
   Quad 3-State Noninverting Buffers
August, 2014 ??Rev. 15
logo
IK Semicon Co., Ltd
IN74HC125A IKSEMICON-IN74HC125A Datasheet
201Kb / 6P
   Quad 3-State Noninverting Buffers
IN74VHCT126 IKSEMICON-IN74VHCT126 Datasheet
269Kb / 7P
   Quad 3-State Noninverting Buffers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com