Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLV74HC125ADG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NLV74HC125ADG
Description  Quad 3-State Noninverting Buffers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLV74HC125ADG Datasheet(HTML) 5 Page - ON Semiconductor

  NLV74HC125ADG Datasheet HTML 1Page - ON Semiconductor NLV74HC125ADG Datasheet HTML 2Page - ON Semiconductor NLV74HC125ADG Datasheet HTML 3Page - ON Semiconductor NLV74HC125ADG Datasheet HTML 4Page - ON Semiconductor NLV74HC125ADG Datasheet HTML 5Page - ON Semiconductor NLV74HC125ADG Datasheet HTML 6Page - ON Semiconductor NLV74HC125ADG Datasheet HTML 7Page - ON Semiconductor NLV74HC125ADG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74HC125A, MC74HC126A
http://onsemi.com
5
SWITCHING WAVEFORMS
Figure 1.
Figure 2.
OUTPUT Y
50%
50%
50%
50%
90%
10%
VCC
VCC
GND
GND
HIGH
IMPEDANCE
VOL
VOH
OUTPUT Y
OUTPUT Y
OE (HC125A)
OE (HC126A)
tPZL
tPLZ
tPZH tPHZ
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 3. Test Circuit
*Includes all probe and jig capacitance
Figure 4. Test Circuit
OUTPUT
TEST POINT
CL *
1 k
W
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ and tPZH.
DEVICE
UNDER
TEST
HIGH
IMPEDANCE
90%
10%
50%
90%
50%
10%
VCC
GND
tf
tr
tPLH
tPHL
tTLH
tTHL
INPUT A
HC125A
(1/4 OF THE DEVICE)
HC126A
(1/4 OF THE DEVICE)
OE
A
VCC
Y
OE
A
VCC
Y


Similar Part No. - NLV74HC125ADG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLV74HC125ADG ONSEMI-NLV74HC125ADG Datasheet
113Kb / 7P
   Quad 3-State Noninverting Buffers
August, 2014 ??Rev. 15
More results

Similar Description - NLV74HC125ADG

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74VHC126 IKSEMICON-IN74VHC126 Datasheet
285Kb / 7P
   QUAD 3-STATE NONINVERTING BUFFERS
IN74VHCT125 IKSEMICON-IN74VHCT125 Datasheet
268Kb / 7P
   Quad 3-State Noninverting Buffers
logo
KODENSHI_AUK CORP.
KK74VHCT126 KODENSHI-KK74VHCT126 Datasheet
280Kb / 7P
   Quad 3-State Noninverting Buffers
logo
System Logic Semiconduc...
SL74HC125 SLS-SL74HC125 Datasheet
45Kb / 5P
   Quad 3-State Noninverting Buffers
logo
ON Semiconductor
MC74HC125A ONSEMI-MC74HC125A Datasheet
171Kb / 8P
   Quad 3-State Noninverting Buffers
March, 2000 ??Rev. 9
logo
Integral Corp.
IN74HCT125A INTEGRAL-IN74HCT125A Datasheet
136Kb / 5P
   QUAD 3-STATE NONINVERTING BUFFERS
logo
KODENSHI_AUK CORP.
KK74VHCT125 KODENSHI-KK74VHCT125 Datasheet
279Kb / 7P
   Quad 3-State Noninverting Buffers
logo
ON Semiconductor
MC74HC125A ONSEMI-MC74HC125A_14 Datasheet
113Kb / 7P
   Quad 3-State Noninverting Buffers
August, 2014 ??Rev. 15
logo
IK Semicon Co., Ltd
IN74HC125A IKSEMICON-IN74HC125A Datasheet
201Kb / 6P
   Quad 3-State Noninverting Buffers
IN74VHCT126 IKSEMICON-IN74VHCT126 Datasheet
269Kb / 7P
   Quad 3-State Noninverting Buffers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com