Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1516ASL-25QHI208 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATF1516ASL-25QHI208
Description  High Performance EE-Based CPLD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1516ASL-25QHI208 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATF1516ASL-25QHI208 Datasheet HTML 3Page - ATMEL Corporation ATF1516ASL-25QHI208 Datasheet HTML 4Page - ATMEL Corporation ATF1516ASL-25QHI208 Datasheet HTML 5Page - ATMEL Corporation ATF1516ASL-25QHI208 Datasheet HTML 6Page - ATMEL Corporation ATF1516ASL-25QHI208 Datasheet HTML 7Page - ATMEL Corporation ATF1516ASL-25QHI208 Datasheet HTML 8Page - ATMEL Corporation ATF1516ASL-25QHI208 Datasheet HTML 9Page - ATMEL Corporation ATF1516ASL-25QHI208 Datasheet HTML 10Page - ATMEL Corporation ATF1516ASL-25QHI208 Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ATF1516AS/L
10
PCI Compliance
The ATF1516AS also supports the growing need in the
industry to support the new Peripheral Component Inter-
connect (PCI) interface standard in PCI-based designs and
specifications. The PCI interface calls for high current driv-
ers which are much larger than the traditional TTL drivers.
PCI Voltage-to-Current Curves for +5V
Signaling in Pull-Up Mode
PCI Voltage-to-Current Curves for +5V
Signaling in Pull-Down Mode
2.4
VCC
1.4
-2
-44
-178
Current (mA)
AC drive
point
DC
drive point
Pull Up
Test Point
2.2
VCC
0.55
3.6
95
380
Current (mA)
AC drive
point
DC
drive point
Pull Down
Test Point


Similar Part No. - ATF1516ASL-25QHI208

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1516AE-10 ATMEL-ATF1516AE-10 Datasheet
1Mb / 76P
   2nd Generation EE Complex Programmable Logic Devices
ATF1516AE-5 ATMEL-ATF1516AE-5 Datasheet
1Mb / 76P
   2nd Generation EE Complex Programmable Logic Devices
ATF1516AE-7 ATMEL-ATF1516AE-7 Datasheet
1Mb / 76P
   2nd Generation EE Complex Programmable Logic Devices
More results

Similar Description - ATF1516ASL-25QHI208

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504AS ATMEL-ATF1504AS Datasheet
462Kb / 21P
   High- Performance EE CPLD
logo
Xilinx, Inc
XC9572XL-7VQ64I XILINX-XC9572XL-7VQ64I Datasheet
86Kb / 8P
   High Performance CPLD
XC9500XV XILINX-XC9500XV Datasheet
212Kb / 19P
   High-Performance CPLD
logo
ATMEL Corporation
ATFI1502AS ATMEL-ATFI1502AS Datasheet
316Kb / 25P
   High-performance EEPROM CPLD
ATF1502AS ATMEL-ATF1502AS Datasheet
344Kb / 18P
   High Performance E2PROM CPLD
ATF1500ABV ATMEL-ATF1500ABV Datasheet
293Kb / 12P
   High- Performance EE PLD
ATF16V8B ATMEL-ATF16V8B_14 Datasheet
2Mb / 26P
   High-performance EE PLD
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
ATF16LV8C ATMEL-ATF16LV8C Datasheet
215Kb / 10P
   High- Performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com