Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7818PBG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS7818PBG4
Description  LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7818PBG4 Datasheet(HTML) 3 Page - Texas Instruments

  ADS7818PBG4 Datasheet HTML 1Page - Texas Instruments ADS7818PBG4 Datasheet HTML 2Page - Texas Instruments ADS7818PBG4 Datasheet HTML 3Page - Texas Instruments ADS7818PBG4 Datasheet HTML 4Page - Texas Instruments ADS7818PBG4 Datasheet HTML 5Page - Texas Instruments ADS7818PBG4 Datasheet HTML 6Page - Texas Instruments ADS7818PBG4 Datasheet HTML 7Page - Texas Instruments ADS7818PBG4 Datasheet HTML 8Page - Texas Instruments ADS7818PBG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TPS76130, TPS76132, TPS76133, TPS76138, TPS76150
LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
SLVS178B – DECEMBER 1998 – REVISED MAY 2001
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VI = VO(typ) + 1 V, IO = 1 mA, EN = VI, Co = 4.7 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ = 25°C
2.96
3
3.04
TPS76130
TJ = 25°C,
1 mA < IO < 100 mA
2.9
3.04
V
1 mA < IO < 100 mA
2.89
3.07
TJ = 25°C
3.16
3.2
3.24
TPS76132
TJ = 25°C,
1 mA < IO < 100 mA
3.11
3.24
V
1 mA < IO < 100 mA
3.08
3.3
TJ = 25°C
3.26
3.3
3.34
VO
Output voltage
TPS76133
TJ = 25°C,
1 mA < IO < 100 mA
3.21
3.34
V
1 mA < IO < 100 mA
3.18
3.4
TJ = 25°C
3.76
3.8
3.84
TPS76138
TJ = 25°C,
1 mA < IO < 100 mA
3.71
3.84
V
1 mA < IO < 100 mA
3.68
3.9
TJ = 25°C
4.95
5
5.05
TPS76150
TJ = 25°C,
1 mA < IO < 100 mA
4.88
5.05
V
1 mA < IO < 100 mA
4.86
5.1
II(standby)
Standby current
EN = 0 V
1
µA
IO = 0 mA,
TJ = 25°C
90
115
IO = 0 mA
130
IO = 1 mA,
TJ = 25°C
100
130
IO = 1 mA
170
Quiescent current (GND current)
IO = 10 mA,
TJ = 25°C
190
220
µA
Quiescent current (GND current)
IO = 10 mA
260
µA
IO = 50 mA,
TJ = 25°C
850
1100
IO = 50 mA
1200
IO = 100 mA,
TJ = 25°C
2600
3600
IO = 100 mA
4000
TPS76130
4 V < VI < 16,
IO = 1 mA
3
10
TPS76132
4.2 V < VI < 16,
IO = 1 mA
3
10
Input regulation
TPS76133
4.3 V < VI < 16,
IO = 1 mA
3
10
mV
TPS76138
4.8 V < VI < 16,
IO = 1 mA
3
10
TPS76150
6 V < VI < 16
IO = 1 mA
3
10
Vn
Output noise voltage
BW = 300 Hz to 50 kHz
Co = 10 µF, TJ = 25°C
190
µVrms
Ripple rejection
f = 1 kHz,
Co = 10 µF,
TJ = 25°C
63
dB


Similar Part No. - ADS7818PBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7818PBG4 TI-ADS7818PBG4 Datasheet
619Kb / 20P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7818PBG4 TI-ADS7818PBG4 Datasheet
652Kb / 21P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7818PBG4 TI1-ADS7818PBG4 Datasheet
668Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7818PBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76130 TI-TPS76130 Datasheet
198Kb / 11P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-HT TI1-TPS76901-HT Datasheet
580Kb / 21P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76930QDBVRQ1 TI1-TPS76930QDBVRQ1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI1-TPS76901_13 Datasheet
927Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-EP TI1-TPS76901-EP Datasheet
429Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com