Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76130DBVRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS76130DBVRG4
Description  LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76130DBVRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS76130DBVRG4 Datasheet HTML 1Page - Texas Instruments TPS76130DBVRG4 Datasheet HTML 2Page - Texas Instruments TPS76130DBVRG4 Datasheet HTML 3Page - Texas Instruments TPS76130DBVRG4 Datasheet HTML 4Page - Texas Instruments TPS76130DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS76130DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS76130DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS76130DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS76130DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TPS76130, TPS76132, TPS76133, TPS76138, TPS76150
LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
SLVS178B – DECEMBER 1998 – REVISED MAY 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VI = VO(typ) + 1 V, IO = 1 mA, EN = VI, Co = 4.7 µF (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO = 0 mA,
TJ = 25°C
1
3
IO = 0 mA
5
IO = 1 mA,
TJ = 25°C
7
10
IO = 1 mA
15
Dropout voltage
IO = 10 mA,
TJ = 25°C
40
60
mV
Dropout voltage
IO = 10 mA
90
mV
IO = 50 mA,
TJ = 25°C
120
150
IO = 50 mA
180
IO = 100 mA,
TJ = 25°C
170
240
IO = 100 mA
280
Peak output current/current limit
100
125
135
mA
High level enable input
2
V
Low level enable input
0.8
V
II
Input current (EN)
EN = 0 V
–1
0
1
µA
II
Input current (EN)
EN = VI
2.5
5
µA
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VO
Output voltage
vs Output current
1, 2, 3
VO
Output voltage
vs Free-air temperature
4, 5, 6
Ground current
vs Free-air temperature
7, 8, 9
Output noise
vs Frequency
10
Zo
Output impedance
vs Frequency
11
VDO
Dropout voltage
vs Free-air temperature
12
Line transient response
13, 15
Load transient response
14, 16


Similar Part No. - TPS76130DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76130DBVRG4 TI-TPS76130DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS76130DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76130 TI-TPS76130 Datasheet
198Kb / 11P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-HT TI1-TPS76901-HT Datasheet
580Kb / 21P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76930QDBVRQ1 TI1-TPS76930QDBVRQ1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI1-TPS76901_13 Datasheet
927Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-EP TI1-TPS76901-EP Datasheet
429Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com