Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1840410633MW Datasheet(PDF) 11 Page - Vishay Siliconix

Part # MKP1840410633MW
Description  AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1840410633MW Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button MKP1840410633MW Datasheet HTML 5Page - Vishay Siliconix MKP1840410633MW Datasheet HTML 6Page - Vishay Siliconix MKP1840410633MW Datasheet HTML 7Page - Vishay Siliconix MKP1840410633MW Datasheet HTML 8Page - Vishay Siliconix MKP1840410633MW Datasheet HTML 9Page - Vishay Siliconix MKP1840410633MW Datasheet HTML 10Page - Vishay Siliconix MKP1840410633MW Datasheet HTML 11Page - Vishay Siliconix MKP1840410633MW Datasheet HTML 12Page - Vishay Siliconix MKP1840410633MW Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Document Number: 26018
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 01-Jul-10
157
MKP 1840 M
AC and Pulse Metallized Polypropylene Film Capacitors
MKP Radial Potted Type
Vishay Roederstein
SUB-GROUP C1B PART OF SAMPLE
OF SUB-GROUP C1
4.9.3
Final measurements
Visual examination
No visible damage
Capacitance
|ΔC/C| ≤ 2 % of the value measured in 4.6.1
Tangent of loss angle
Increase of tan
δ ≤ 0.002
Compared to values measured in 4.6.1
Insulation resistance
As specified in section “Insulation
Resistance” of this specification
SUB-GROUP C1 COMBINED SAMPLE
OF SPECIMENS OF SUB-GROUPS
C1A AND C1B
4.10
Climatic sequence
4.10.2
Dry heat
Temperature: upper category temperature
Duration: 16 h
4.10.3
Damp heat cyclic
Test Db, first cycle
4.10.4
Cold
Temperature: lower category temperature
Duration: 2 h
4.10.6
Damp heat cyclic
Test Db, remaining cycles
4.10.6.2 Final measurements
Visual examination
No visible damage
Legible marking
Capacitance
|ΔC/C| ≤ 3 % of the value measured in
4.4.2 or 4.9.3
Tangent of loss angle
Increase of tan
δ: ≤ 0.003
Compared to values measured in
4.3.1 or 4.6.1
Insulation resistance
≥ 50 % of values specified in section
“Insulation Resistance” of this specification
SUB-GROUP C2
4.11
Damp heat steady state
4.11.1
Initial measurements
Capacitance
Tangent of loss angle at 1 kHz
4.11.3
Final measurements
Visual examination
No visible damage
Legible marking
Capacitance
|
ΔC/C| ≤ 3 % of the value measured in
4.11.1.
Tangent of loss angle
Increase of tan
δ ≤ 0.002
Compared to values measured in 4.11.1
Insulation resistance
≥ 50 % of values specified in section
“Insulation Resistance” of this specification
SUB-GROUP C3
4.12
Endurance
Duration: 2000 h
x URdc at 85 °C
0.875 x URdc at 100 °C
4.12.1
Initial measurements
Capacitance
Tangent of loss angle at 100 kHz
4.12.5
Final measurements
Visual examination
No visible damage
Legible marking
Capacitance
|
ΔC/C| ≤ 3 % compared to values measured
in 4.12.1
Tangent of loss angle
Increase of tan
δ: ≤ 0.004
Compared to values measured in 4.12.1
Insulation resistance
≥ 50 % of values specified in section
“Insulation Resistance” of this specification
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS


Similar Part No. - MKP1840410633MW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1840 VISHAY-MKP1840 Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1840-310-405-D VISHAY-MKP1840-310-405-D Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1840-310-405-F VISHAY-MKP1840-310-405-F Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1840-310-405-G VISHAY-MKP1840-310-405-G Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1840-310-405-W VISHAY-MKP1840-310-405-W Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
More results

Similar Description - MKP1840410633MW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
MKP385 VISHAY-MKP385 Datasheet
140Kb / 11P
   Metallized Polypropylene Film AC and Pulse Capacitors MKP Radial Potted Type
Revision: 17-Feb-06
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 30-Nov-10
MKP1840-M VISHAY-MKP1840-M Datasheet
134Kb / 13P
   AC and Pulse Metallized Polypropylene Capacitors MKP Radial Potted Type
Revision: 05-Nov-08
MKP416 VISHAY-MKP416 Datasheet
346Kb / 12P
   Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MMKP383 VISHAY-MMKP383_15 Datasheet
167Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 15-Jan-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com