Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92314A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92314A
Description  Off-Line Primary Side Sensing Controller with PFC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92314A Datasheet(HTML) 4 Page - Texas Instruments

  TPS92314A Datasheet HTML 1Page - Texas Instruments TPS92314A Datasheet HTML 2Page - Texas Instruments TPS92314A Datasheet HTML 3Page - Texas Instruments TPS92314A Datasheet HTML 4Page - Texas Instruments TPS92314A Datasheet HTML 5Page - Texas Instruments TPS92314A Datasheet HTML 6Page - Texas Instruments TPS92314A Datasheet HTML 7Page - Texas Instruments TPS92314A Datasheet HTML 8Page - Texas Instruments TPS92314A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TPS92314
TPS92314A
SNVS856B – JUNE 2012 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VCC = 18V unless otherwise indicated. Typicals and limits appearing in plain type apply for TA = TJ = +25°C. Limits appearing
in boldface type apply over the full Operating Temperature Range. Data sheet minimum and maximum specification limits
are specified by design, test or statistical analysis.
Symbol
Parameter
Conditions
Min
Typ (1)
Max
Units
gmISNS
ISNS error amp trans-conductance
Δ VISNS to Δ ICOMP at VCOMP = 2.5V
96
µmho
DELAY CONTROL (DLY)
VDLY
DLY pin internal reference voltage
1.21
1.24
1.3
V
IDLY-MAX
DLY source current
VDLY= 0V
250
450
µA
CURRENT SENSE (ISNS)
VISNS-OCP
Over Current Limit Detection Threshold
TPS92314
1.07
1.15
1.22
V
VISNS-OCP
Over Current Limit Detection Threshold
TPS92314A
1.90
2.0
2.10
V
IISNS
Current Sense Bias Current
VISNS= 5V
-1
1
µA
TOCP
Over current Limit Detection Propagation
Measure ISNS pin pulse width with VISNS = 5V
256
ns
Delay
GATE DRIVER (GATE)
VGATE-H
GATE low voltage
IGATE = 50mA source
7.6
9.4
V
VGATE-L
GATE high drive voltage
IGATE = 50mA sink
85
125
mV
tGATE-RISE
Rise Time
CLOAD = 1nF
94
ns
tGATE-FALL
Fall Time
CLOAD = 1nF
16
ns
TON-MIN
Minimum ON time
With ZCD signal.
311
500
900
ns
TON-MAX
Maximum ON time
27
43.9
61
µs
TOFF-MIN
Minimum OFF time
1.00
1.50
1.93
µs
TOFF-MAX
Maximum OFF time
ZCD = GND
67
117
151
µs
TOFF-START
Maximum OFF time when start up.
Maximum OFF time at first 511 switching after
44
78
102
µs
UVLO
TOFF-OCP
Maximum OFF time when OCP
OFF time when VISNS =4V.
233
µs
THERMAL SHUTDOWN
TSD
Thermal shutdown temperature
See (2)
165
°C
Thermal Shutdown hysteresis
20
°C
(2)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 165°C (typ.) and
disengages at TJ = 145°C (typ).
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS92314 TPS92314A


Similar Part No. - TPS92314A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92314A TI-TPS92314A Datasheet
916Kb / 26P
[Old version datasheet]   Off-Line Primary Side Sensing Controller with PFC
TPS92314AD/NOPB TI-TPS92314AD/NOPB Datasheet
916Kb / 26P
[Old version datasheet]   Off-Line Primary Side Sensing Controller with PFC
TPS92314ADR/NOPB TI-TPS92314ADR/NOPB Datasheet
916Kb / 26P
[Old version datasheet]   Off-Line Primary Side Sensing Controller with PFC
More results

Similar Description - TPS92314A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92314 TI-TPS92314 Datasheet
916Kb / 26P
[Old version datasheet]   Off-Line Primary Side Sensing Controller with PFC
TPS92310 TI1-TPS92310 Datasheet
429Kb / 19P
[Old version datasheet]   Off-Line Primary Side Sensing Controller with PFC
TPS92310DGS TI1-TPS92310DGS Datasheet
865Kb / 23P
[Old version datasheet]   TPS92310 Off-Line Primary Side Sensing Controller With PFC
TPS92311 TI1-TPS92311_14 Datasheet
332Kb / 24P
[Old version datasheet]   Off-Line Primary Side Sensing Converter with PFC
TPS92311 TI1-TPS92311 Datasheet
432Kb / 19P
[Old version datasheet]   Off-Line Primary Side Sensing Converter with PFC
TPS92315 TI-TPS92315 Datasheet
1Mb / 27P
[Old version datasheet]   Off-Line Primary-Side Sensing Controller
logo
Holtek Semiconductor In...
HT7L5600 HOLTEK-HT7L5600 Datasheet
1Mb / 10P
   Primary side regulation off line LED driver with active PFC
HT7L5610 HOLTEK-HT7L5610 Datasheet
1Mb / 9P
   Primary Side Regulation Off Line LED Driver with Active PFC
logo
STMicroelectronics
HVLED805 STMICROELECTRONICS-HVLED805 Datasheet
456Kb / 29P
   Off-line LED driver with primary-sensing
logo
Shenzhen SI Semiconduct...
SIC9601 SISEMIC-SIC9601 Datasheet
366Kb / 6P
   Primary Sensing AC-DC Off-line Controller with Base-Sense Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com