Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79325YEQR Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS79325YEQR
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR REGULATORS IN NanoStar WAFER CHIP SCALE AND SOT23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79325YEQR Datasheet(HTML) 4 Page - Texas Instruments

  TPS79325YEQR Datasheet HTML 1Page - Texas Instruments TPS79325YEQR Datasheet HTML 2Page - Texas Instruments TPS79325YEQR Datasheet HTML 3Page - Texas Instruments TPS79325YEQR Datasheet HTML 4Page - Texas Instruments TPS79325YEQR Datasheet HTML 5Page - Texas Instruments TPS79325YEQR Datasheet HTML 6Page - Texas Instruments TPS79325YEQR Datasheet HTML 7Page - Texas Instruments TPS79325YEQR Datasheet HTML 8Page - Texas Instruments TPS79325YEQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAMS
ADJUSTABLE VERSION
_
+
Thermal
Shutdown
Bandgap
Reference
1.22V
Current
Sense
R2
GND
EN
SHUTDOWN
Vref
UVLO
ILIM
External to
the Device
R1
UVLO
2.45V
250 k
NR
FB
59 k
QuickStart
OUT
IN
IN
FIXED VERSION
_
+
Thermal
Shutdown
Current
Sense
R1
R2
GND
EN
SHUTDOWN
Vref
UVLO
ILIM
250 k
NR
QuickStart
Bandgap
Reference
1.22V
UVLO
2.45V
R2 = 40 k
IN
IN
OUT
TPS793xx
SLVS348K – JULY 2001 – REVISED OCTOBER 2007
Table 1. Terminal Functions
TERMINAL
SOT23
SOT23
WCSP
NAME
ADJ
FIXED
FIXED
DESCRIPTION
Connecting an external capacitor to this pin bypasses noise generated by the internal bandgap.
NR
4
4
B2
This improves power-supply rejection and reduces output noise.
Driving the enable pin (EN) high turns on the regulator. Driving this pin low puts the regulator into
EN
3
3
A3
shutdown mode. EN can be connected to IN if not used.
FB
5
N/A
N/A
This terminal is the feedback input voltage for the adjustable device.
GND
2
2
A1
Regulator ground
IN
1
1
C3
Input to the device.
OUT
6
5
C1
Output of the regulator.
4
Submit Documentation Feedback
Copyright © 2001–2007, Texas Instruments Incorporated


Similar Part No. - TPS79325YEQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79325YEQR TI-TPS79325YEQR Datasheet
442Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS IN NANOSTAR WAFER CHIP SCALE AND SOT23
TPS79325YEQR TI1-TPS79325YEQR Datasheet
934Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR
TPS79325YEQR TI1-TPS79325YEQR Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
More results

Similar Description - TPS79325YEQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79301 TI-TPS79301 Datasheet
442Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS IN NANOSTAR WAFER CHIP SCALE AND SOT23
TPS793 TI1-TPS793_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS793 TI1-TPS793_17 Datasheet
1Mb / 33P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS793 TI1-TPS793_V01 Datasheet
1Mb / 34P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS79333 TI-TPS79333_15 Datasheet
918Kb / 28P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS793 TI-TPS793_15 Datasheet
918Kb / 28P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS79328YZQR TI1-TPS79328YZQR Datasheet
934Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com