Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE12MAAH0-0-B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # NE12MAAH0-0-B
Description  N e u t r i k 짰 P a r t N u m b e r G u i d e
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NE12MAAH0-0-B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button NE12MAAH0-0-B Datasheet HTML 2Page - List of Unclassifed Manufacturers NE12MAAH0-0-B Datasheet HTML 3Page - List of Unclassifed Manufacturers NE12MAAH0-0-B Datasheet HTML 4Page - List of Unclassifed Manufacturers NE12MAAH0-0-B Datasheet HTML 5Page - List of Unclassifed Manufacturers NE12MAAH0-0-B Datasheet HTML 6Page - List of Unclassifed Manufacturers NE12MAAH0-0-B Datasheet HTML 7Page - List of Unclassifed Manufacturers NE12MAAH0-0-B Datasheet HTML 8Page - List of Unclassifed Manufacturers NE12MAAH0-0-B Datasheet HTML 9Page - List of Unclassifed Manufacturers NE12MAAH0-0-B Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
XLR
Cable
Connectors
www .neutrik.com
11
X-HD Series
"Heavy duty" cable connectors for outdoor use
All metal design, male stainless steel
NC*FX-HD mates with NC*MPR-HD chassis connector and
NC*MX-HD
Dust and water protected according IP 65 in mated condition
Available in 3 - 5 pin configuration
NC5FX-HD
NC4MX-HD
NC*FX-HD
NC*MX-HD
X Series
The worldwide accepted XLR connector standard
Rugged diecast shell
Compact design (shortest available XLR cable connector)
Time saving assembly – 4 parts only, no screws
Neutrik unique chuck type strain relief
Gold or silver plated contacts
UL Recognized components
Available in 3 - 7 pin configuration
NC3FX
NC3MX
NC*FX
NC*MX
* ... 3 - 7 contacts
* ... 3 - 5 contacts
t
o
identify
the
original


Similar Part No. - NE12MAAH0-0-B

ManufacturerPart #DatasheetDescription
logo
ABB
NE12 ABB-NE12 Datasheet
7Mb / 62P
   DIN Rail circuit protective devices
Rev. A
logo
Renesas Technology Corp
NE1280 RENESAS-NE1280 Datasheet
170Kb / 8P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1996
NE1280100 RENESAS-NE1280100 Datasheet
170Kb / 8P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1996
NE1280200 RENESAS-NE1280200 Datasheet
170Kb / 8P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1996
NE1280400 RENESAS-NE1280400 Datasheet
170Kb / 8P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1996
More results

Similar Description - NE12MAAH0-0-B

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
AS320R536 AMETHERM-AS320R536_12 Datasheet
244Kb / 3P
   I N R U S H C U R R E N T L I M I T E R S
logo
Gaomi Xinghe Electronic...
S1AF GXELECTRONICS-S1AF Datasheet
465Kb / 2P
   S u r f a c e M o u n t G e n e r a l P u r p o s e S i l i c o n R e c t i f i e r s
logo
E-Tech Electronics LTD
GD401SD ETL-GD401SD Datasheet
166Kb / 2P
   S U R F A C E M O U N T , S C H O T T K Y B A R R I E R D I O D E R R I E R D I O D E
logo
Powerbox
VICHIP-VTM POWERBOX-VICHIP-VTM Datasheet
105Kb / 1P
   D C / D C C U R R E N T M U LT I P L I E R M O D U L E
logo
E-Tech Electronics LTD
GSBAS70-A-C-S ETL-GSBAS70-A-C-S Datasheet
175Kb / 2P
   S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 7 0 V, C U R R E N T 7 0mA
logo
Linx Technologies
TXM-418 LINX-TXM-418 Datasheet
178Kb / 12P
   R M SERIES TR A N S M I T T E R MODULE DATA G U I D E
2000
logo
E-Tech Electronics LTD
GS420SD ETL-GS420SD Datasheet
169Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
GS421SD ETL-GS421SD Datasheet
155Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
GS401SD ETL-GS401SD Datasheet
168Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 5 A
GDBAS40 ETL-GDBAS40 Datasheet
171Kb / 2P
   S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 0 . 2 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com