Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRSF3232ID Datasheet(PDF) 6 Page - Texas Instruments

Part # TRSF3232ID
Description  3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRSF3232ID Datasheet(HTML) 6 Page - Texas Instruments

Back Button TRSF3232ID Datasheet HTML 2Page - Texas Instruments TRSF3232ID Datasheet HTML 3Page - Texas Instruments TRSF3232ID Datasheet HTML 4Page - Texas Instruments TRSF3232ID Datasheet HTML 5Page - Texas Instruments TRSF3232ID Datasheet HTML 6Page - Texas Instruments TRSF3232ID Datasheet HTML 7Page - Texas Instruments TRSF3232ID Datasheet HTML 8Page - Texas Instruments TRSF3232ID Datasheet HTML 9Page - Texas Instruments TRSF3232ID Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
50
TEST CIRCUIT
VOLTAGE WAVEFORMS
−3 V
−3 V
3 V
3 V
0 V
3 V
1.5 V
1.5 V
Output
Input
VOL
VOH
tTLH
Generator
(see Note B)
RL
RS-232
Output
tTHL
CL
(see Note A)
SR(tr) +
6 V
t
THL
or t
TLH
50
TEST CIRCUIT
VOLTAGE WAVEFORMS
−3 V
−3 V
3 V
3 V
0 V
3 V
1.5 V
1.5 V
Output
Input
VOL
VOH
tTLH
Generator
(see Note B)
RL
RS-232
Output
tTHL
CL
(see Note A)
SR(tr) +
6 V
t
THL
or t
TLH
TEST CIRCUIT
VOLTAGE WAVEFORMS
50
50%
50%
−3 V
3 V
1.5 V
1.5 V
Output
Input
VOL
VOH
tPHL
Generator
(see Note B)
tPLH
Output
CL
(see Note A)
TRSF3232
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE
LINE DRIVER/RECEIVER
SLLS858 – AUGUST 2007
A.
CL includes probe and jig capacitance.
B.
The pulse generator has the following characteristics: PRR = 250 kbit/s, ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns,
tf ≤ 10 ns.
Figure 1. Driver Slew Rate
A.
CL includes probe and jig capacitance.
B.
The pulse generator has the following characteristics: PRR = 250 kbit/s, ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns,
tf ≤ 10 ns.
Figure 2. Driver Pulse Skew
A.
CL includes probe and jig capacitance.
B.
The pulse generator has the following characteristics: ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
Figure 3. Receiver Propagation Delay Times
6
Submit Documentation Feedback


Similar Part No. - TRSF3232ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRSF3232ID TI-TRSF3232ID Datasheet
512Kb / 13P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3232IDB TI-TRSF3232IDB Datasheet
512Kb / 13P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3232IDBR TI-TRSF3232IDBR Datasheet
512Kb / 13P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3232IDR TI-TRSF3232IDR Datasheet
512Kb / 13P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3232IDW TI-TRSF3232IDW Datasheet
512Kb / 13P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
More results

Similar Description - TRSF3232ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C3223 TI-SN65C3223_06 Datasheet
281Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3238 TI-SN65C3238_08 Datasheet
491Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3223 TI-SN75C3223 Datasheet
289Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3238IPW TI1-TRSF3238IPW Datasheet
270Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3222 TI-SN75C3222 Datasheet
256Kb / 12P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3232 TI-SN65C3232_07 Datasheet
376Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3238 TI-SN75C3238 Datasheet
314Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3232IPWR TI-TRSF3232IPWR Datasheet
512Kb / 13P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3243 TI-TRSF3243 Datasheet
421Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3222 TI1-SN65C3222_16 Datasheet
1Mb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3243 TI1-SN65C3243_15 Datasheet
889Kb / 21P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com