Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77733DR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77733DR
Description  FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT LINEAT REGULATORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77733DR Datasheet(HTML) 2 Page - Texas Instruments

  TPS77733DR Datasheet HTML 1Page - Texas Instruments TPS77733DR Datasheet HTML 2Page - Texas Instruments TPS77733DR Datasheet HTML 3Page - Texas Instruments TPS77733DR Datasheet HTML 4Page - Texas Instruments TPS77733DR Datasheet HTML 5Page - Texas Instruments TPS77733DR Datasheet HTML 6Page - Texas Instruments TPS77733DR Datasheet HTML 7Page - Texas Instruments TPS77733DR Datasheet HTML 8Page - Texas Instruments TPS77733DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
TPS77701, TPS77715, TPS77718, TPS77725, TPS77733 with RESET OUTPUT
TPS77801, TPS77815, TPS77818, TPS77825, TPS77833 with PG OUTPUT
FAST TRANSIENT RESPONSE 750mA LOW DROPOUT LINEAR REGULATORS
SLVS230G − SEPTEMBER 1999 − REVISED JANUARY 2004
www.ti.com
2
description (continued)
Because the PMOS device behaves as a low-value resistor, the dropout voltage is very low (typically 260 mV at an output
current of 750 mA for the TPS77x33) and is directly proportional to the output current. Additionally, since the PMOS pass
element is a voltage-driven device, the quiescent current is very low and independent of output loading (typically 85
µA over
the full range of output current, 0 mA to 750 mA). These two key specifications yield a significant improvement in operating
life for battery-powered systems. This LDO family also features a sleep mode; applying a TTL high signal to EN (enable)
shuts down the regulator, reducing the quiescent current to 1
µA at TJ = 25°C.
The RESET output of the TPS777xx initiates a reset in microcomputer and microprocessor systems in the event of an
undervoltage condition. An internal comparator in the TPS777xx monitors the output voltage of the regulator to detect an
undervoltage condition on the regulated output voltage.
Power good (PG) of the TPS778xx is an active high output, which can be used to implement a power-on reset or a
low-battery indicator.
The TPS777xx and TPS778xx are offered in 1.5-V, 1.8-V, 2.5-V, and 3.3-V fixed-voltage versions and in an adjustable
version (programmable over the range of 1.5 V to 5.5 V for the TPS77701 option and 1.2 V to 5.5 V for the TPS77801 option).
Output voltage tolerance is specified as a maximum of 2% over line, load, and temperature ranges. The TPS777xx and
TPS778xx families are available in 8-pin SOIC and 20-pin PWP packages.
AVAILABLE OPTIONS
TJ
OUTPUT
VOLTAGE
(V)
PACKAGED DEVICES
TJ
TYP
TSSOP
(PWP)
SOIC
(D)
3.3
TPS77733PWP
TPS77833PWP
TPS77733D
TPS77833D
2.5
TPS77725PWP
TPS77825PWP
TPS77725D
TPS77825D
1.8
TPS77718PWP
TPS77818PWP
TPS77718D
TPS77818D
−40
°C to 125°C
1.5
TPS77715PWP
TPS77815PWP
TPS77715D
TPS77815D
−40
°C to 125°C
Adjustable
1.5 V to 5.5 V
TPS77701PWP
TPS77701D
Adjustable
1.2 V to 5.5 V
TPS77801PWP
TPS77801D
The TPS77x01 is programmable using an external resistor divider (see application information). The D and PWP
packages are available taped and reeled. Add an R suffix to the device type (e.g., TPS77701DR).
(1) See application information section for capacitor selection details.
RESET/
PG
OUT
OUT
7
6
5
IN
IN
EN
GND
3
16
14
13
VI
0.1
µF
RESET/PG
VO
10
µF
+
Co(1)
Figure 1. Typical Application Configuration for Fixed Output Options


Similar Part No. - TPS77733DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77733DR TI-TPS77733DR Datasheet
830Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750mA LOW-DROPOUT LINEAR REGULATORS
TPS77733DR TI1-TPS77733DR Datasheet
857Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77733DRG4 TI-TPS77733DRG4 Datasheet
830Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750mA LOW-DROPOUT LINEAR REGULATORS
TPS77733DRG4 TI1-TPS77733DRG4 Datasheet
857Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS77733DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77701 TI1-TPS77701_16 Datasheet
857Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI-TPS77701 Datasheet
304Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1_16 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP Datasheet
790Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP Datasheet
839Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP_16 Datasheet
773Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP_16 Datasheet
1,015Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501 TI-TPS77501 Datasheet
316Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1 Datasheet
584Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801_15 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com