Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAC4FBH0-0-B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NAC4FBH0-0-B
Description  N e u t r i k 짰 P a r t N u m b e r G u i d e
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NAC4FBH0-0-B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NAC4FBH0-0-B Datasheet HTML 1Page - List of Unclassifed Manufacturers NAC4FBH0-0-B Datasheet HTML 2Page - List of Unclassifed Manufacturers NAC4FBH0-0-B Datasheet HTML 3Page - List of Unclassifed Manufacturers NAC4FBH0-0-B Datasheet HTML 4Page - List of Unclassifed Manufacturers NAC4FBH0-0-B Datasheet HTML 5Page - List of Unclassifed Manufacturers NAC4FBH0-0-B Datasheet HTML 6Page - List of Unclassifed Manufacturers NAC4FBH0-0-B Datasheet HTML 7Page - List of Unclassifed Manufacturers NAC4FBH0-0-B Datasheet HTML 8Page - List of Unclassifed Manufacturers NAC4FBH0-0-B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Part
Number
Guide
Neutrik
®
Part
Number
Guide
NC3F AH1-0-X
Shell:
B
Black shell, gold contacts
BAG
Black shell, silver contacts
Retention:
w/o
Latch Lock
-0
Retention Spring
Grounding:
0
Separate ground contact connected to shell, male only
1
Pin 1 & Panel & Shell connected, no separate ground contact
2
Separate ground contact connected to shell & panel, separate Pin 1
E
Additional ground contacts
w/o number
No ground / Shell contact (except 4 / 5 pole), female only
Termination:
H
Horizontal PCB mount
HL
Laterial left PCB mount
HR
Laterial right PCB mount
L
Solder Cups
V
Verticale PCB mount
Y
IDC for wires (no ground)
M3
Mounting holes with M3 thread
M25
Mounting holes with M2.5 thread
-
Not applicable
Series:
A, AA, B, BA, D, DL, DLX, MPR, P, X, XX
Gender:
F
Female
M
Male
Number of Contacts: 3, 4, 5, 6, 7, 8, 12
Connector Type:
A
Adapter
AC
PowerCon®
B
BNC
C
Connector
E
RJ45
F
RCA / CINCH
J (MJ, RJ, SJ)
Jack
K
Cable Assemblies
L
Loudspeaker
M
Modules
O
Fiber Connector
P
Plugs
PP
Patch Panel
R
Circular Connector
T
Transformer
6


Similar Part No. - NAC4FBH0-0-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NAC-04-472 ETC2-NAC-04-472 Datasheet
192Kb / 3P
   High attenuation of common mode noise from 150kHz to 1MHz Single Phase 250 VAC
NAC-06-472 ETC2-NAC-06-472 Datasheet
192Kb / 3P
   High attenuation of common mode noise from 150kHz to 1MHz Single Phase 250 VAC
logo
Powerbox
NAC-10-472 POWERBOX-NAC-10-472 Datasheet
322Kb / 1P
   AC FILTER
logo
List of Unclassifed Man...
NAC-10-472 ETC2-NAC-10-472 Datasheet
192Kb / 3P
   High attenuation of common mode noise from 150kHz to 1MHz Single Phase 250 VAC
NAC-16-472 ETC2-NAC-16-472 Datasheet
192Kb / 3P
   High attenuation of common mode noise from 150kHz to 1MHz Single Phase 250 VAC
More results

Similar Description - NAC4FBH0-0-B

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
AS320R536 AMETHERM-AS320R536_12 Datasheet
244Kb / 3P
   I N R U S H C U R R E N T L I M I T E R S
logo
Gaomi Xinghe Electronic...
S1AF GXELECTRONICS-S1AF Datasheet
465Kb / 2P
   S u r f a c e M o u n t G e n e r a l P u r p o s e S i l i c o n R e c t i f i e r s
logo
E-Tech Electronics LTD
GD401SD ETL-GD401SD Datasheet
166Kb / 2P
   S U R F A C E M O U N T , S C H O T T K Y B A R R I E R D I O D E R R I E R D I O D E
logo
Powerbox
VICHIP-VTM POWERBOX-VICHIP-VTM Datasheet
105Kb / 1P
   D C / D C C U R R E N T M U LT I P L I E R M O D U L E
logo
E-Tech Electronics LTD
GSBAS70-A-C-S ETL-GSBAS70-A-C-S Datasheet
175Kb / 2P
   S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 7 0 V, C U R R E N T 7 0mA
logo
Linx Technologies
TXM-418 LINX-TXM-418 Datasheet
178Kb / 12P
   R M SERIES TR A N S M I T T E R MODULE DATA G U I D E
2000
logo
E-Tech Electronics LTD
GS420SD ETL-GS420SD Datasheet
169Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
GS421SD ETL-GS421SD Datasheet
155Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
GS401SD ETL-GS401SD Datasheet
168Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 5 A
GDBAS40 ETL-GDBAS40 Datasheet
171Kb / 2P
   S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 0 . 2 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com