Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T5761 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # T5761
Description  UHF ASK/FSK Receiver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T5761 Datasheet(HTML) 3 Page - ATMEL Corporation

  T5761 Datasheet HTML 1Page - ATMEL Corporation T5761 Datasheet HTML 2Page - ATMEL Corporation T5761 Datasheet HTML 3Page - ATMEL Corporation T5761 Datasheet HTML 4Page - ATMEL Corporation T5761 Datasheet HTML 5Page - ATMEL Corporation T5761 Datasheet HTML 6Page - ATMEL Corporation T5761 Datasheet HTML 7Page - ATMEL Corporation T5761 Datasheet HTML 8Page - ATMEL Corporation T5761 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
T5761
T5760 /
Preliminary Information
Rev. A2, 19-Oct-00
3 (32)
Block Diagram
SENS
CDEM
AVCC
AGND
DGND
LNAGND
LNA_IN
DATA
POLLING/_ON
DATA_CLK
DVCC
XTAL
Polling circuit
and
control logic
Rssi
Limiter out
LC–VCO
f
:256
XTO
Standby logic
FE
CLK
FSK/ASK–
demodulator
and data filter
RSSI IF
Amp.
Poly–LPF
fg=7MHz
LNA
4. Order
f0=950 kHz/
Dem_out
Sensitivity–
reduction
LPF
fg=2.2MHz
IF
Amp.
IC_ACTIVE
Data –
interface
LNAREF
f
:2
Loop–
filter
1 MHz
Figure 3. Block diagram
RF Front End
The RF front end of the receiver is a low-IF heterodyne
configuration that converts the input signal into a
950-kHz/ 1-MHz IF signal with an image rejection of typ-
ical 30dB. According to figure 3 the front end consists of
an LNA (low noise amplifier), LO (local oscillator), I/Q
mixer, polyphase lowpass filter and an IF amplifier.
The PLL generates the carrier frequency for the mixer via
a full integrated synthesizer with integrated low noise
LC-VCO (voltage controlled oscillator ) and PLL-loop-
filter. The XTO ( crystal oscillator ) generates the
reference frequency fXTO. The integrated LC-VCO gen-
erates two times the mixer drive frequency fVCO. The I/Q
signals for the mixer are generated with a divide by two
circuit ( fLO = fVCO/2 ). fVCO is divided by a factor of 256
and feed into a phase frequency detector and compared
with fXTO. The output of the phase frequency detector is
feed into an integrated loopfilter and thereby generates
the control voltage for the VCO. If fLO is determined,
fXTO can be calculated using the following formula:
fXTO = fLO / 128
The XTO is a one-pin oscillator that operates at the series
resonance of the quartz crystal with high current but low
voltage signal, so that there is only a small voltage at the
crystal oscillator frequency at Pin XTAL. According to
figure 4, the crystal should be connected to GND with a
series capacitor CL. The value of that capacitor is recom-
mended by the crystal supplier. Due to a somewhat
inductive impedance at steady state oscillation and some
PCB parasitics a lower value of CL is normally necessary.


Similar Part No. - T5761

ManufacturerPart #DatasheetDescription
logo
EPCOS
T57 EPCOS-T57 Datasheet
163Kb / 6P
   Ferrites and accessories
logo
Infineon Technologies A...
T570N INFINEON-T570N Datasheet
249Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2010-01-18 revision:3.1
T570N INFINEON-T570N Datasheet
351Kb / 11P
   Hermeticaly sealed ceramic package
T570N INFINEON-T570N_14 Datasheet
351Kb / 11P
   Hermeticaly sealed ceramic package
logo
eupec GmbH
T571N EUPEC-T571N Datasheet
619Kb / 8P
   Phase Control Thyristor
More results

Similar Description - T5761

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
   UHF ASK/FSK RECEIVER
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
   UHF ASK/FSK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
   UHF ASK/FSK Receiver
ATA3745 ATMEL-ATA3745 Datasheet
497Kb / 30P
   UHF ASK/FSK Receiver
ATA5745 ATMEL-ATA5745_07 Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742_07 Datasheet
601Kb / 34P
   UHF ASK/FSK Receiver
logo
TEMIC Semiconductors
U3741BM TEMIC-U3741BM Datasheet
429Kb / 25P
   UHF ASK/FSK Receiver
logo
ATMEL Corporation
ATA5782 ATMEL-ATA5782_14 Datasheet
755Kb / 20P
   UHF ASK/FSK Receiver
ATA5760 ATMEL-ATA5760 Datasheet
695Kb / 41P
   UHF ASK/FSK Receiver
ATA8201 ATMEL-ATA8201 Datasheet
552Kb / 44P
   UHF ASK/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com