Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM66100-1.8TC3TG Datasheet(PDF) 11 Page - Gamma Microelectronics Inc.

Part # GM66100-1.8TC3TG
Description  1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM66100-1.8TC3TG Datasheet(HTML) 11 Page - Gamma Microelectronics Inc.

Back Button GM66100-1.8TC3TG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM66100-1.8TC3TG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM66100-1.8TC3TG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM66100-1.8TC3TG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM66100-1.8TC3TG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM66100-1.8TC3TG Datasheet HTML 9Page - Gamma Microelectronics Inc. GM66100-1.8TC3TG Datasheet HTML 10Page - Gamma Microelectronics Inc. GM66100-1.8TC3TG Datasheet HTML 11Page - Gamma Microelectronics Inc. GM66100-1.8TC3TG Datasheet HTML 12Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
12
GM6610x Series
1.0A ULTRA LOW DROPOUT VOLTAGE
REGULATORS
Package Outline Dimensions – TO263
0.045 - 0.055
(1.143 - 1.397)
0.050 +/- 0.012
(1.270 +/- 0.305)
0.090 - 0.110
(2.286 - 2.794)
0.143 + 0.012
0.143 - 0.002
(3.632 + 0305)
(3.362 - 0.508)
0.050
(1.270)
0.013 - 0.023
(0.330 - 0.584)
TYP
0.059
(1.499)
0.020 - 0.039
(0.510 - 0.990)
0.330 - 0.370
(8.382 - 9.398)
0.060
(1.524)
TYP
0.390 - 0.415
(9.906 - 10.541)
TYP
15
0.105 - 0.180
(4.191 - 4.572)
Package Outline Dimensions – SO 8
(0.356 - 0.508)
(0.406 - 0.270)
0.016 - 0.050
D
0.189 - 0.197
(4.800 - 5.004)
SEATING PLAN
0.014 - 0.020
0.150 - 0.157
(3.810 - 3.988)
0.008 - 0.010
(0.203 - 0.254)
8.0
MAX
0.053 - 0.059
(1.346 - 1.753)
0.004 - 0.010
0.228 - 0.244
(5.791 - 6.198)
0.050
(1.270)
TYP
(0.012 - 0.254)


Similar Part No. - GM66100-1.8TC3TG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66100-1.8TC3TG GAMMA-GM66100-1.8TC3TG Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - GM66100-1.8TC3TG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6610X GAMMA-GM6610X Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66102 GAMMA-GM66102 Datasheet
310Kb / 11P
   1A ULTRA LOW-DROPOUT VOLTAGE REGULATORS
logo
Advanced Monolithic Sys...
AMS1505V ADMOS-AMS1505V_05 Datasheet
162Kb / 8P
   5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
AMS1505V ADMOS-AMS1505V Datasheet
68Kb / 8P
   5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Gamma Microelectronics ...
GM66150 GAMMA-GM66150_1 Datasheet
215Kb / 19P
   1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
logo
Gamma Microelectronics ...
GM66300 GAMMA-GM66300_10 Datasheet
171Kb / 15P
   3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100 Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
TS29100 TSC-TS29100 Datasheet
179Kb / 8P
   1.0A Ultra Low Dropout Positive Voltage Regulator
logo
California Micro Device...
CM3002 CALMIRCO-CM3002 Datasheet
352Kb / 17P
   Micropower 1.0A Low Dropout CMOS Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com