Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD4726 Datasheet(PDF) 2 Page - Rohm

Part # BD4726
Description  Bipolar Voltage Detector ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4726 Datasheet(HTML) 2 Page - Rohm

  BD4726 Datasheet HTML 1Page - Rohm BD4726 Datasheet HTML 2Page - Rohm BD4726 Datasheet HTML 3Page - Rohm BD4726 Datasheet HTML 4Page - Rohm BD4726 Datasheet HTML 5Page - Rohm BD4726 Datasheet HTML 6Page - Rohm BD4726 Datasheet HTML 7Page - Rohm BD4726 Datasheet HTML 8Page - Rohm BD4726 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Datasheet
2/10
BD47xx series
TSZ02201-0R7R0G300020-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013 Rev.006
www.rohm.com
TSZ22111
15
001
Ordering Information
Lineup
Marking
Detection
Voltage
Part Number
Marking
Detection
Voltage
Part Number
Marking
Detection
Voltage
Part Number
B2
4.6V
BD4746
BR
3.6V
BD4736
BH
2.6V
BD4726
B1
4.5V
BD4745
BQ
3.5V
BD4735
BG
2.5V
BD4725
BZ
4.4V
BD4744
BP
3.4V
BD4734
BF
2.4V
BD4724
BY
4.3V
BD4743
B4
3.3V
BD4733
BE
2.3V
BD4723
BX
4.2V
BD4742
BN
3.2V
BD4732
BD
2.2V
BD4722
BW
4.1V
BD4741
BM
3.1V
BD4731
BC
2.1V
BD4721
BV
4.0V
BD4740
BL
3.0V
BD4730
BB
2.0V
BD4720
BU
3.9V
BD4739
BK
2.9V
BD4729
BA
1.9V
BD4719
BT
3.8V
BD4738
BJ
2.8V
BD4728
BS
3.7V
BD4737
B3
2.7V
BD4727
Direction of feed
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper right when you hold
reel on the left hand and you pull out the tape on the right hand
3000pcs
TR
(
)
1pin
(Unit : mm)
SSOP5
2.9
±0.2
0.13
+6°
−4°
+0.05
−0.03
0.42
+0.05
−0.04
0.95
5
4
1
2
3
0.1
S
S
(SOT-23-5)
B
D
4
7
x
x
G
-
T
R
Part
Reset
Voltage
Value
Package
Packaging
and
Number
19
:
1.9V
G
:
SSOP5
forming
specification
0.1V
step
TR
:
Embossed
tape
46
:
4.6V
and
reel


Similar Part No. - BD4726

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4726 ROHM-BD4726 Datasheet
175Kb / 6P
   System Reset IC
BD4726 ROHM-BD4726 Datasheet
291Kb / 8P
   Bipolar Voltage Detector IC
BD4726 ROHM-BD4726 Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
BD4726 ROHM-BD4726 Datasheet
431Kb / 13P
   Bipolar Voltage Detector ICs
BD4726 ROHM-BD4726 Datasheet
222Kb / 8P
   Bipolar Voltage Detector ICs
More results

Similar Description - BD4726

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4719G-TR ROHM-BD4719G-TR Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
BD4727G-TR ROHM-BD4727G-TR Datasheet
322Kb / 13P
   Bipolar Voltage Detector ICs
BD4719 ROHM-BD4719 Datasheet
1Mb / 14P
   Bipolar Voltage Detector ICs
BD47XXG_101 ROHM-BD47XXG_101 Datasheet
222Kb / 8P
   Bipolar Voltage Detector ICs
BD4746G-TR ROHM-BD4746G-TR Datasheet
431Kb / 13P
   Bipolar Voltage Detector ICs
logo
Isahaya Electronics Cor...
RT8H012C ISAHAYA-RT8H012C Datasheet
70Kb / 5P
   Bipolar voltage detector
logo
Rohm
BU48XXG ROHM-BU48XXG_11 Datasheet
290Kb / 9P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4842F-TR ROHM-BU4842F-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4815G-TR ROHM-BU4815G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BD47XXG ROHM-BD47XXG_10 Datasheet
291Kb / 8P
   Bipolar Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com