Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24S32-W Datasheet(PDF) 4 Page - Rohm

Part # BR24S32-W
Description  High Reliability Series EEPROMs I2C BUS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24S32-W Datasheet(HTML) 4 Page - Rohm

  BR24S32-W Datasheet HTML 1Page - Rohm BR24S32-W Datasheet HTML 2Page - Rohm BR24S32-W Datasheet HTML 3Page - Rohm BR24S32-W Datasheet HTML 4Page - Rohm BR24S32-W Datasheet HTML 5Page - Rohm BR24S32-W Datasheet HTML 6Page - Rohm BR24S32-W Datasheet HTML 7Page - Rohm BR24S32-W Datasheet HTML 8Page - Rohm BR24S32-W Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
Technical Note
4/40
www.rohm.com
2009.09 - Rev.D
© 2009 ROHM Co., Ltd. All rights reserved.
BR24L□□-W Series,BR24S□□□-W Series
●Action timing characteristics (Unless otherwise specified, Ta=-40~+85℃, VCC=1.8~5.5V)
*1
Parameter
Symbol
FAST-MODE
2.5V≦Vcc≦5.5V
STANDARD-MODE
1.8V≦Vcc≦5.5V
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
SCL frequency
fSCL
-
-
400
-
-
100
kHz
Data clock “HIGH“ time
tHIGH
0.6
-
-
4.0
-
-
μs
Data clock “LOW“ time
tLOW
1.2
-
-
4.7
-
-
μs
SDA, SCL rise time
*2
tR
-
-
0.3
-
-
1.0
μs
SDA, SCL fall time
*2
tF
-
-
0.3
-
-
0.3
μs
Start condition hold time
tHD:STA
0.6
-
-
4.0
-
-
μs
Start condition setup time
tSU:STA
0.6
-
-
4.7
-
-
μs
Input data hold time
tHD:DAT
0
-
-
0
-
-
ns
Input data setup time
tSU:DAT
100
-
-
250
-
-
ns
Output data delay time
tPD
0.1
-
0.9
0.2
-
3.5
μs
Output data hold time
tDH
0.1
-
-
0.2
-
-
μs
Stop condition setup time
tSU:STO
0.6
-
-
4.7
-
-
μs
Bus release time before transfer start
tBUF
1.2
-
-
4.7
-
-
μs
Internal write cycle time
tWR
-
-
5
-
-
5
ms
Noise removal valid period (SDA, SCL terminal)
tI
-
-
0.1
-
-
0.1
μs
WP hold time
tHD:WP
0
-
-
0
-
-
ns
WP setup time
tSU:WP
0.1
-
-
0.1
-
-
μs
WP valid time
tHIGH:W
P
1.0
-
--
1.0
-
-
μs
*1 BR24L02/16/32-W : 1.7~5.5V
*2 Not 100% tested
●FAST-MODE and STANDARD-MODE
FAST-MODE and STANDARD-MODE are of same actions, and mode is changed. They are distinguished by action speeds.
100kHz action is called STANDARD-MODE, and 400kHz action is called FAST-MODE. This action frequency is the
maximum action frequency, so 100kHz clock may be used in FAST-MODE. When power source voltage goes down, action
at high speed is not carried out, therefore, at Vcc=2.5V~5.5V , 400kHz, namely, action is made in FASTMODE. (Action is
made also in STANDARD-MODE) Vcc=1.8V~2.5V is only action in 100kHz STANDARD-MODE.


Similar Part No. - BR24S32-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24S32-W ROHM-BR24S32-W Datasheet
881Kb / 33P
   I2C BUS Serial EEPROMs
BR24S32-W ROHM-BR24S32-W Datasheet
773Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24S32-W ROHM-BR24S32-W Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24S32-W ROHM-BR24S32-W Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
More results

Similar Description - BR24S32-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24A01AFJ-WM ROHM-BR24A01AFJ-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFV-WE2 ROHM-BR24L01AFV-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01A-W ROHM-BR24L01A-W_09 Datasheet
773Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AF-WE2 ROHM-BR24L01AF-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24A ROHM-BR24A Datasheet
449Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24G32-3A ROHM-BR24G32-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR24G64-3A ROHM-BR24G64-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR93LXX-W ROHM-BR93LXX-W Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L46FV-WE2 ROHM-BR93L46FV-WE2 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L46-W ROHM-BR93L46-W_11 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com