Electronic Components Datasheet Search |
|
BD5227 Datasheet(PDF) 10 Page - Rohm |
|
BD5227 Datasheet(HTML) 10 Page - Rohm |
10 / 16 page Datasheet 10/13 BD52xx series BD53xx series TSZ02201-0R7R0G300040-1-2 © 2013 ROHM Co., Ltd. All rights reserved. 22.May.2013 Rev.006 www.rohm.com TSZ22111 ・ 15 ・ 001 ● Application Information Explanation of Operation For both the open drain type (Fig.15) and the CMOS output type (Fig.16), the detection and release voltages are used as threshold voltages. When the voltage applied to the VDD pins reaches the applicable threshold voltage, the VOUT terminal voltage switches from either “High” to “Low” or from “Low” to “High”. Please refer to the Timing Waveform and Electrical Characteristics for information on hysteresis. Because the BD52xx series uses an open drain output type, it is necessary to connect a pull-up resistor to VDD or another power supply if needed [The output “High” voltage (VOUT) in this case becomes VDD or the voltage of the other power supply]. Fig.15 (BD52xxType Internal Block Diagram) Fig.16 (BD53xxType Internal Block Diagram) Setting of Detector Delay Time It is possible to set the delay time at the rise of VDD using a capacitor connected to the Ct terminal. Delay time at the rise of VDD tPLH : Time until when Vout rise to 1/2 of VDD after VDD rise up and beyond the release voltage(VDET+∆VDET) tPLH = -CCT×RCT×ln CCT: CT pin External Capacitance RCT: CT pin Internal Impedance ( Please refer to Electrical Characteristics. ) VCTH: CT pin Threshold Voltage ( Please refer to Electrical Characteristics. ) ln : Natural Logarithm Reference Data of Falling Time (tPHL) Output Examples of Falling Time (tPHL) Output Part Number tPHL[µs] -40°C tPHL[µs] ,+25°C tPHL[µs],+105°C BD5227 30.8 30 28.8 BD5327 26.8 26 24.8 *This data is for reference only. The figures will vary with the application, so please confirm actual operating conditions before use. Timing Waveforms Example: the following shows the relationship between the input voltage VDD, the CT Terminal Voltage VCT and the output voltage VOUT when the input power supply voltage VDD is made to sweep up and sweep down (The circuits are those in Figure.15 and 16). 1 When the power supply is turned on, the output is unstable from after over the operating limit voltage (VOPL) until tPHL. Therefore it is possible that the reset signal is not outputted when the rise time of VDD is faster than tPHL. 2 When VDD is greater than VOPL but less than the reset release voltage (VDET+∆VDET), the CT terminal (VCT) and output (VOUT) voltages will switch to L. 3 If VDD exceeds the reset release voltage (VDET+∆VDET), then VOUT switches from L to H (with a delay due to the CT terminal). 4 If VDD drops below the detection voltage (VDET) when the power supply is powered down or when there is a power supply fluctuation, VOUT switches to L (with a delay of tPHL). 5 The potential difference between the detection voltage and the release voltage is known as the hysteresis width (∆VDET). The system is designed such that the output does not toggle with power supply fluctuations within this hysteresis width, preventing malfunctions due to noise. Vref VDD GND CT R1 R2 R3 Q3 Q1 VOUT RESET RL VDD Vref VDD GND CT R1 R2 R3 Q3 Q2 VOUT RESET Q1 VDD VDD-VCTH VDD VDD VDET+ Δ VDET VDET VOPL 0V 1/2 VDD tPHL ① tPLH tPHL tPLH ② ③ ④ VCT ⑤ VOUT Fig.17 Timing Waveform |
Similar Part No. - BD5227 |
|
Similar Description - BD5227 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |