Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXO-HC32 Datasheet(PDF) 1 Page - Fox Electronics

Part # FXO-HC32
Description  HCMOS 3.2 x 2.5mm 2.5V Oscillator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXO-HC32 Datasheet(HTML) 1 Page - Fox Electronics

  FXO-HC32 Datasheet HTML 1Page - Fox Electronics FXO-HC32 Datasheet HTML 2Page - Fox Electronics FXO-HC32 Datasheet HTML 3Page - Fox Electronics FXO-HC32 Datasheet HTML 4Page - Fox Electronics FXO-HC32 Datasheet HTML 5Page - Fox Electronics FXO-HC32 Datasheet HTML 6Page - Fox Electronics FXO-HC32 Datasheet HTML 7Page - Fox Electronics FXO-HC32 Datasheet HTML 8Page - Fox Electronics FXO-HC32 Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
.
Model: FXO-HC32 SERIES
Page 1 of 24
FOX
Electronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA
Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282
Taiwan
Tel: +886.2.22073427 Fax +886.2.22073486 | Japan Tel: +81.3.3374.2079 Fax: +81.3.3374.5221
© 2012 FOX ELECTRONICS | ISO9001:2008 Certified
DWG-5053
HCMOS 3.2 x 2.5mm 2.5V Oscillator
Freq: 0.75 MHz to 180MHz
Rev.3/27/2012
Features
XTREMELY Low Jitter
Low Cost
XPRESS Delivery
Frequency Resolution to six decimal places
Stabilities to ± 25 PPM
-20 to +70°C or -40 to +85°C operating temperatures
Tri-State Enable / Disable Feature
Industry Standard Package, Footprint & Pin-Out
Fully RoHS and REACH compliant
Gold over Nickel Termination Finish
Serial ID with Comprehensive Traceability
Applications
 ANY application requiring an oscillator
 SONET
 Ethernet
 Storage Area Network
 Broadband Access
 Microprocessors / DSP / FPGA
 Industrial Controllers
 Test and Measurement Equipment
 Fiber Channel
Contents
page
Model Selection & Part Number Guide
2
Electrical Characteristics
3
Absolute Maximums
4
Output Wave Characteristics
4
Phase Noise
5
Jitter
5
Pin Assignment
6
Recommended Circuit
6
Reflow
6
Mechanical Drawing and Pad Layout
7
Tape and Reel Specification
8
Label
8
Traceability – LOT Number & Serial Identification 9
SGS Report
10~13
REACH Report
14~21
Mechanical Test
22
Burn-In Test
22
MTTF / FITS calculations
23
Other XPRESSO Links
24
Fox Contact Information
24
Description
The Fox XPRESSO Crystal Oscillator is a
breakthrough in configurable Frequency Control
Solutions. XPRESSO utilizes a family of
proprietary ASICs, designed and developed by
Fox, with a key focus on noise reduction
technologies.
The 3rd order Delta Sigma Modulator reduces
noise to the levels that are comparable to
traditional Bulk Quartz and SAW oscillators.
The ASICs family has ability to select the output
type, input voltages, and temperature
performance features.
With the XPRESS lead-time, low cost, low noise,
wide frequency range, excellent ambient
performance, XpressO is an excellent choice
over the conventional technologies.
Finished XPRESSO parts are 100% final tested.
OUTPUT
Enable / Disable
V
GND
DD
For more information -- Click on the drawing
PRESS
X
FOX
ASICs
O


Similar Part No. - FXO-HC32

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-HC33 FOX-FXO-HC33 Datasheet
1Mb / 24P
   HCMOS 3.2 x 2.5mm 3.3V Oscillator
More results

Similar Description - FXO-HC32

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-HC33 FOX-FXO-HC33 Datasheet
1Mb / 24P
   HCMOS 3.2 x 2.5mm 3.3V Oscillator
FXO-LC32 FOX-FXO-LC32 Datasheet
1Mb / 16P
   LVDS 3.2 x 2.5mm 2.5V Oscillator
logo
Advanced Crystal Techno...
9325AWC ACT-9325AWC Datasheet
193Kb / 2P
   Clock oscillator 32.768kHz, 3.2 x 2.5mm, HCMOS
1/2/2017
TCME32 ACT-TCME32 Datasheet
598Kb / 2P
   32.768kHz TCXO, 3.2 x 2.5mm, HCMOS
17062016
logo
EUROQUARTZ limited
EM32T EUROQUARTZ-EM32T Datasheet
141Kb / 1P
   HCMOS TCXO 3.2 x 2.5mm SMD
logo
Advanced Crystal Techno...
TX32CC ACT-TX32CC Datasheet
591Kb / 2P
   TCXO/VC-TCXO, 3.2 x 2.5mm, HCMOS/TTL
25042016
logo
Fox Electronics
FXO-LC33 FOX-FXO-LC33 Datasheet
852Kb / 16P
   LVDS 3.2 x 2.5mm 3.3V Oscillator
FXU-HC52 FOX-FXU-HC52 Datasheet
600Kb / 11P
   HCMOS 5 x 3.2mm 2.5V Oscillator
FXO-HC52 FOX-FXO-HC52 Datasheet
341Kb / 15P
   HCMOS 5 x 3.2mm 2.5V Oscillator
FXO-HC72 FOX-FXO-HC72 Datasheet
341Kb / 14P
   HCMOS 7 x 5mm 2.5V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com