Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T555711M01-DDW Datasheet(PDF) 10 Page - ATMEL Corporation

Part # T555711M01-DDW
Description  Multifunctional 330-bit Read/Write RF-Identification IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T555711M01-DDW Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button T555711M01-DDW Datasheet HTML 6Page - ATMEL Corporation T555711M01-DDW Datasheet HTML 7Page - ATMEL Corporation T555711M01-DDW Datasheet HTML 8Page - ATMEL Corporation T555711M01-DDW Datasheet HTML 9Page - ATMEL Corporation T555711M01-DDW Datasheet HTML 10Page - ATMEL Corporation T555711M01-DDW Datasheet HTML 11Page - ATMEL Corporation T555711M01-DDW Datasheet HTML 12Page - ATMEL Corporation T555711M01-DDW Datasheet HTML 13Page - ATMEL Corporation T555711M01-DDW Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
T5557
4517E–RFID–02/03
Table 3.
T5557 — Modes of Operation
Figure 12.
Answer-On-Request (AOR) Mode
Figure 13.
Coil Voltage after Programming of a Memory Block
PWD
AOR
Behavior of Tag after Reset Command or POR
De-activate Function
11
Answer-On-Request (AOR) mode:
· Modulation starts after wake-up with a matching password
· Programming needs valid password
Command with non-matching password
deactivates the selected tag
10
Password mode:
· Modulation in regular-read mode starts after reset
· Programming and direct access needs valid password
0--
Normal mode:
· Modulation in regular-read mode starts after reset
· Programming and direct access without password
No modulation
because AOR = 1
Modulation
AOR wake-up command (with valid PWD)
V
Coil 1- Coil2
POR
Loading block 0
T55571x
T555701
V
Coil 1- Coil 2
Write data to tag
Programming and
data verification
Read programmed
memory block
Read block 1..MAXBLK
5.6 ms
(Block-read mode)
(Regular-read mode)
POR/
gap
or
single


Similar Part No. - T555711M01-DDW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T555711-TAS ATMEL-T555711-TAS Datasheet
721Kb / 29P
   Multifunctional 330-bit Read/Write RF-Identification IC
More results

Similar Description - T555711M01-DDW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5567 ATMEL-ATA5567 Datasheet
648Kb / 36P
   Multifunctional 330-bit Read/Write RF Identification IC
T555711-TAS ATMEL-T555711-TAS Datasheet
721Kb / 29P
   Multifunctional 330-bit Read/Write RF-Identification IC
ATA5570 ATMEL-ATA5570 Datasheet
581Kb / 28P
   Multifunctional 330-bit Read/Write RF Sensor Identification IC
ATA5570C ATMEL-ATA5570C Datasheet
871Kb / 32P
   Multifunctional 330-bit Read/Write RF SensorIdentification IC
E5561 ATMEL-E5561 Datasheet
390Kb / 26P
   Standard Read/Write Crypto Identification IC
E5561 ATMEL-E5561_06 Datasheet
434Kb / 28P
   Standard Read/Write Crypto Identification IC
logo
EM Microelectronic - MA...
EM4444 EMMICRO-EM4444 Datasheet
109Kb / 1P
   512 bit, Read/Write UHF Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
   512 bit Read/Write Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com