Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T555711M01-DDW Datasheet(PDF) 3 Page - ATMEL Corporation

Part # T555711M01-DDW
Description  Multifunctional 330-bit Read/Write RF-Identification IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T555711M01-DDW Datasheet(HTML) 3 Page - ATMEL Corporation

  T555711M01-DDW Datasheet HTML 1Page - ATMEL Corporation T555711M01-DDW Datasheet HTML 2Page - ATMEL Corporation T555711M01-DDW Datasheet HTML 3Page - ATMEL Corporation T555711M01-DDW Datasheet HTML 4Page - ATMEL Corporation T555711M01-DDW Datasheet HTML 5Page - ATMEL Corporation T555711M01-DDW Datasheet HTML 6Page - ATMEL Corporation T555711M01-DDW Datasheet HTML 7Page - ATMEL Corporation T555711M01-DDW Datasheet HTML 8Page - ATMEL Corporation T555711M01-DDW Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3
T5557
4517E–RFID–02/03
Power-On Reset (POR)
This circuit delays the IDIC functionality until an acceptable voltage threshold has been
reached.
Clock Extraction
The clock extraction circuit uses the external RF signal as its internal clock source.
Controller
The control-logic module executes the following functions:
Load-mode register with configuration data from EEPROM block 0 after power-on
and also during reading
Control memory access (read, write)
Handle write data transmission and write error modes
The first two bits of the reader to tag data stream are the opcode, e.g., write, direct
access or reset
In password mode, the 32 bits received after the opcode are compared with the
password stored in memory block 7
Mode Register
The mode register stores the configuration data from the EEPROM block 0. It is
continually refreshed at the start of every block read and (re-)loaded after any POR
event or reset command. On delivery the mode register is preprogrammed with the
value ‘0014 8000’h which corresponds to continuous read of block 0, Manchester
coded, RF/64.
Figure 3. Block 0 Configuration Mapping – e5550 Compatibility Mode
000
001
010
011
100
101
110
111
RF/8
RF/16
RF/32
RF/40
RF/50
RF/64
RF/100
RF/128
Safer Key
Note 1), 2)
L
1 2 3
4
5 6 7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
0
1
1
0
0
0
0
0
0
0
0
0
0
0
0
Data
Bit Rate
00
01
10
11
RF/2
RF/4
RF/8
Res.
0
000
0
0
000
1
0
001
0
0
001
1
0
010
0
0
010
1
0
011
0
0
011
1
0
100
0
1
000
0
1
100
0
Direct
PSK1
PSK2
PSK3
FSK1
FSK2
FSK1a
FSK2a
Manchester
Biphase('50)
Reserved
PSK-
CF
MAX-
BLOCK
1) If Master Key = 6 then test mode write commands are ignored
2) If Master Key <> 6 or 9 then extended function mode is disabled
Modulation
0 Unlocked
1 Locked


Similar Part No. - T555711M01-DDW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T555711-TAS ATMEL-T555711-TAS Datasheet
721Kb / 29P
   Multifunctional 330-bit Read/Write RF-Identification IC
More results

Similar Description - T555711M01-DDW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5567 ATMEL-ATA5567 Datasheet
648Kb / 36P
   Multifunctional 330-bit Read/Write RF Identification IC
T555711-TAS ATMEL-T555711-TAS Datasheet
721Kb / 29P
   Multifunctional 330-bit Read/Write RF-Identification IC
ATA5570 ATMEL-ATA5570 Datasheet
581Kb / 28P
   Multifunctional 330-bit Read/Write RF Sensor Identification IC
ATA5570C ATMEL-ATA5570C Datasheet
871Kb / 32P
   Multifunctional 330-bit Read/Write RF SensorIdentification IC
E5561 ATMEL-E5561 Datasheet
390Kb / 26P
   Standard Read/Write Crypto Identification IC
E5561 ATMEL-E5561_06 Datasheet
434Kb / 28P
   Standard Read/Write Crypto Identification IC
logo
EM Microelectronic - MA...
EM4444 EMMICRO-EM4444 Datasheet
109Kb / 1P
   512 bit, Read/Write UHF Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
   512 bit Read/Write Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com