Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXO-LC33 Datasheet(PDF) 5 Page - Fox Electronics

Part # FXO-LC33
Description  LVDS 3.2 x 2.5mm 3.3V Oscillator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXO-LC33 Datasheet(HTML) 5 Page - Fox Electronics

  FXO-LC33 Datasheet HTML 1Page - Fox Electronics FXO-LC33 Datasheet HTML 2Page - Fox Electronics FXO-LC33 Datasheet HTML 3Page - Fox Electronics FXO-LC33 Datasheet HTML 4Page - Fox Electronics FXO-LC33 Datasheet HTML 5Page - Fox Electronics FXO-LC33 Datasheet HTML 6Page - Fox Electronics FXO-LC33 Datasheet HTML 7Page - Fox Electronics FXO-LC33 Datasheet HTML 8Page - Fox Electronics FXO-LC33 Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
FXO-LC33
Series
Page 5 of 16
© 2009 FOX ELECTRONICS | ISO9001:2000 Certified
62.5MHz
156.25MHz
212.5MHz
622.08MHz
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
10
100
1000
10000
100000
1000000
10000000
100000000
Data Collected using HP 3048A
Four Frequencies from Jitter Tables
62.5MHz only to 2MHz offset due to Equipment Limitation
Jitter is frequency dependent. Below are typical values at select frequencies.
Phase Jitter
is integrated from HP3048 Phase Noise Measurement System; measured directly into 50 ohm input; VDD = 3.3V.
TIE
was measured on LeCroy LC684 Digital Storage Scope, directly into 50 ohm input, with Amherst M1 software; VDD = 3.3V.
Per MJSQ spec (Methodologies for Jitter and Signal Quality specifications)
Rj and Dj
, measured on LeCroy LC684 Digital Storage Scope, directly into 50 ohm input, with Amherst M1 software.
Per MJSQ spec (Methodologies for Jitter and Signal Quality specifications)
LVDS Phase Jitter & Time Interval Error (TIE)
Frequency
Phase Jitter
(12kHz to 20MHz)
T I E
(Sigma of Jitter Distribution)
Units
62.5 MHz
1.3
2.6
pS RMS
156.25 MHz
0.6
4.3
pS RMS
212.5 MHz
0.8
5.0
pS RMS
622.08MHz
0.7
2.4
pS RMS
LVDS Random & Deterministic Jitter Composition
Frequency
Random (Rj)
(pS RMS)
Deterministic (Dj)
(pS P-P)
Total Jitter (Tj)
(14 x Rj) + Dj
62.5 MHz
1.2
11.9
29.1 pS
156.25 MHz
1.2
11.2
28.4 pS
212.5 MHz
1.2
12.7
29.8 pS
622.08 MHz
1.0
9.4
24.5 pS
Phase Noise
2.5V Phase Noise Graphs
(dBc/Hz vs. offset frequency


Similar Part No. - FXO-LC33

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-LC32 FOX-FXO-LC32 Datasheet
1Mb / 16P
   LVDS 3.2 x 2.5mm 2.5V Oscillator
More results

Similar Description - FXO-LC33

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-LC32 FOX-FXO-LC32 Datasheet
1Mb / 16P
   LVDS 3.2 x 2.5mm 2.5V Oscillator
FXO-HC33 FOX-FXO-HC33 Datasheet
1Mb / 24P
   HCMOS 3.2 x 2.5mm 3.3V Oscillator
FXO-HC32 FOX-FXO-HC32 Datasheet
1Mb / 24P
   HCMOS 3.2 x 2.5mm 2.5V Oscillator
logo
Advanced Crystal Techno...
9325AWC ACT-9325AWC Datasheet
193Kb / 2P
   Clock oscillator 32.768kHz, 3.2 x 2.5mm, HCMOS
1/2/2017
logo
EUROQUARTZ limited
XOE32 EUROQUARTZ-XOE32 Datasheet
165Kb / 1P
   3.2 x 2.5mm SMD Tight Tolerance Oscillator
logo
TAITIEN ELECTRONICS CO....
XO-0149-OA-M-CMOS TAITIEN-XO-0149-OA-M-CMOS Datasheet
550Kb / 1P
   3.2 X 2.5mm SMD CMOS Output Crystal Oscillator
XO-0155-OX TAITIEN-XO-0155-OX Datasheet
344Kb / 1P
   3.2 x 2.5mm SMD CMOS Output Crystal Oscillator
logo
EUROQUARTZ limited
EMQN326D EUROQUARTZ-EMQN326D Datasheet
289Kb / 2P
   LVDS MINIATURE TCXO 3.2 x 2.5mm 10MHz to 1450MHz
logo
Fox Electronics
FXO-LC736R-100 FOX-FXO-LC736R-100 Datasheet
335Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FXU-LC53 FOX-FXU-LC53 Datasheet
297Kb / 11P
   LVDS 5 x 3.2mm 3.3V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com