Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T555701M01-DDW Datasheet(PDF) 9 Page - ATMEL Corporation

Part # T555701M01-DDW
Description  Multifunctional 330-bit Read/Write RF-Identification IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T555701M01-DDW Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button T555701M01-DDW Datasheet HTML 5Page - ATMEL Corporation T555701M01-DDW Datasheet HTML 6Page - ATMEL Corporation T555701M01-DDW Datasheet HTML 7Page - ATMEL Corporation T555701M01-DDW Datasheet HTML 8Page - ATMEL Corporation T555701M01-DDW Datasheet HTML 9Page - ATMEL Corporation T555701M01-DDW Datasheet HTML 10Page - ATMEL Corporation T555701M01-DDW Datasheet HTML 11Page - ATMEL Corporation T555701M01-DDW Datasheet HTML 12Page - ATMEL Corporation T555701M01-DDW Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9
T5557
4517E–RFID–02/03
Figure 10. Complete Writing Sequence
Figure 11. T5557 Command Formats
Password
When password mode is active (PWD = 1), the first 32 bits after the opcode are
regarded as the password. They are compared bit by bit with the contents of block 7,
starting at bit 1. If the comparison fails, the T5557 will not program the memory, instead
it will restart in regular-read mode once the command transmission is finished.
Note:
In password mode, MAXBLK should be set to a value below 7 to prevent the password
from being transmitted by the T5557.
Each transmission of the direct access command (two opcode bits, 32 bits password, ‘0’
bit plus 3 address bits = 38 bits) needs about 18 ms. Testing all possible combinations
(about 4.3 billion) takes about two years.
Answer-On-Request
(AOR) Mode
When the AOR bit is set, the T5557 does not start modulation in the regular-read mode
after loading configuration block 0. The tag waits for a valid AOR data stream (“wake-up
command”) from the reader before modulation is enabled. The wake-up command con-
sists of the opcode (‘10‘) followed by a valid password. The selected tag will remain
active until the RF field is turned off or a new command with a different password is
transmitted which may address another tag in the RF field.
POR
Block 0 loading
Read mode
Block
address
Programming
Block data
Lock bit
Opcode
Read mode
Start gap
Write mode
T55571x
T555701
AOR (wake-up command)
Protected write
Standard write
Direct access (PWD = 1)
Reset command
Opcode
L
1
Data
32
2 Addr
0
1
Password
32
L
1
Data
32
2 Addr
0
10
1
Password
32
1
Password
32
2 Addr 0
Direct access (PWD = 0)
2 Addr 0
00
Page 0/1 regular read
0
0
* p = page selector
1p *
1p *
1p *
1p *
1p *


Similar Part No. - T555701M01-DDW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T5557 ATMEL-T5557 Datasheet
5Mb / 294P
   High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
T5557 ATMEL-T5557 Datasheet
721Kb / 29P
   Multifunctional 330-bit Read/Write RF-Identification IC
T555711-TAS ATMEL-T555711-TAS Datasheet
721Kb / 29P
   Multifunctional 330-bit Read/Write RF-Identification IC
More results

Similar Description - T555701M01-DDW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5567 ATMEL-ATA5567 Datasheet
648Kb / 36P
   Multifunctional 330-bit Read/Write RF Identification IC
T555711-TAS ATMEL-T555711-TAS Datasheet
721Kb / 29P
   Multifunctional 330-bit Read/Write RF-Identification IC
ATA5570 ATMEL-ATA5570 Datasheet
581Kb / 28P
   Multifunctional 330-bit Read/Write RF Sensor Identification IC
ATA5570C ATMEL-ATA5570C Datasheet
871Kb / 32P
   Multifunctional 330-bit Read/Write RF SensorIdentification IC
E5561 ATMEL-E5561 Datasheet
390Kb / 26P
   Standard Read/Write Crypto Identification IC
E5561 ATMEL-E5561_06 Datasheet
434Kb / 28P
   Standard Read/Write Crypto Identification IC
logo
EM Microelectronic - MA...
EM4444 EMMICRO-EM4444 Datasheet
109Kb / 1P
   512 bit, Read/Write UHF Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
   512 bit Read/Write Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com