Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML522BUW Datasheet(PDF) 1 Page - Rohm

Part # SML522BUW
Description  2-color type LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML522BUW Datasheet(HTML) 1 Page - Rohm

  SML522BUW Datasheet HTML 1Page - Rohm SML522BUW Datasheet HTML 2Page - Rohm SML522BUW Datasheet HTML 3Page - Rohm SML522BUW Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
Green·Blue
0.6
1.5
1.1
Terminal
Cathode mark
Red·Orange·Yellow
0.6
2.45
Tolerance : ±0.1
(unit : mm)
(unit : mm)
SML-52 Series
Features
・2-color type LED
・Abundant 2 color variations
*1:Duty1/5, 200Hz *2:Duty1/10, 1kHz *3:Rrference
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta=25℃)
Electrical and Optical Characteristics (Ta=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(℃)
Storage
Temperature
Tstg(℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength λD Luminous Intensity IV
Typ.
(V)
IF(mA)
Max.
(μA) V
R
(V)
Min.*
3
(nm)
Typ.
(nm)
Max.*
3
(nm)
IF(mA)
Min.
(mcd)
Typ.
(mcd)
IF(mA)
SML522BUW
InGaN
Blue
66
20
60*2
5
-40 to +85
-40 to +100
2.9
5
10
5
465
470
475
5
9.0
22
5
AIGaInP
on GaAs
Red
50
1.9
619
624
629
10
21
SML-522MUW
AIGaInP
on GaAs
Yellowish
Green
52
20
60*1
4
-30 to +85
-40 to +85
2.1
20
100
4
569
572
575
20
14
40
20
Red
50
1.9
615
620
625
22
63
SML-522MU8W
Green
52
60*2
-40 to +100
2.2
569
572
575
16
40
Red
615
620
625
25
63
SML-521MUW
AIGaInP
on GaAs
Gap
Yellowish
Green
70
25
60*1
-40 to +85
2.2
569
572
575
5.6
16
Red
50
20
1.9
615
620
625
22
63
SML-522MD8W AIGaInP
on GaAs
Green
52
20
100*2
5
-40 to +85
-40 to +100
2.1
10
569
572
575
10
18
Orange
602
605
608
40
63
SML-521MDW
AIGaInP
on GaAs
Gap
Yellowish
Green
70
25
60*1
4
-30 to +85
-40 to +85
2.2
100
569
572
575
5.6
16
Orange
50
20
1.9
602
605
608
22
63
SML-522MY8W AIGaInP
Green
54
20
100*2
-40 to +85
-40 to +100
2.2
569
572
575
16
40
Yellow
587
590
593
40
63
SML-521MYW
AIGaInP
on GaAs
Gap
Yellowish
Green
70
25
60*1
-30 to +85
-40 to +85
2.2
569
572
575
5.6
16
Yellow
50
20
1.9
584
587
590
22
63
1315(0605)
1.3×1.5mm(t=0.6mm)
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE(deg)
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE(deg)
SML-521 Series
SML-522 Series
RELATIVE INTENSITY (%)
SCANNING ANGLE (deg)
RELATIVE INTENSITY (%)
SCANNING ANGLE (deg)
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE(deg)
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE(deg)
RELATIVE INTENSITY (%)
SCANNING ANGLE (deg)
RELATIVE INTENSITY (%)
SCANNING ANGLE (deg)
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE(deg)
Scanning Direction
X’ - Y’
B
R
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE(deg)
Scanning Direction
X - Y
R
B
RELATIVE INTENSITY (%)
SCANNING ANGLE (deg)
RELATIVE INTENSITY (%)
SCANNING ANGLE (deg)
SML522BUW
M
U/Y
M
U/D/Y
B
R
B
R
M/U/Y
M/U/D
Specifications
Dimensions
Recommended Solder Pattern Viewing Angle
Color
Type
B U
M U
M D
M Y
1/3
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2012.11 - Rev.C


Similar Part No. - SML522BUW

ManufacturerPart #DatasheetDescription
logo
Rohm
SML522BUW ROHM-SML522BUW Datasheet
2Mb / 4P
   2-color type LED
SML522BUW ROHM-SML522BUW Datasheet
1Mb / 4P
   SML-52 Series
SML522BUW ROHM-SML522BUW Datasheet
1Mb / 4P
   Abundant 2 color variations
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com