Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68882DESC01YA Datasheet(PDF) 9 Page - ATMEL Corporation

Part # TS68882DESC01YA
Description  CMOS Enhanced Floating-point Co-processor
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68882DESC01YA Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button TS68882DESC01YA Datasheet HTML 5Page - ATMEL Corporation TS68882DESC01YA Datasheet HTML 6Page - ATMEL Corporation TS68882DESC01YA Datasheet HTML 7Page - ATMEL Corporation TS68882DESC01YA Datasheet HTML 8Page - ATMEL Corporation TS68882DESC01YA Datasheet HTML 9Page - ATMEL Corporation TS68882DESC01YA Datasheet HTML 10Page - ATMEL Corporation TS68882DESC01YA Datasheet HTML 11Page - ATMEL Corporation TS68882DESC01YA Datasheet HTML 12Page - ATMEL Corporation TS68882DESC01YA Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
9
TS68882
2119A–HIREL–04/02
Mechanical and
Environmental
The microcircuits shall meet all mechanical environmental requirements of either MIL-
STD-883 for class B devices.
Marking
The document defines the markings that are identified in the related reference docu-
ments. Each microcircuit is legible and permanently marked with the following
information as minimum:
Atmel-Grenoble Logo
Manufacturer’s Part Number
Class B Identification
Date-code of inspection lot
ESD Identifier if Available
Country of Manufacturing
Quality Conformance
Inspection
DESC/MIL-STD-883
Is in accordance with MIL-M-38510 and method 5005 of MIL-STD-883. Group A and B
inspections are performed on each production lot. Group C and D inspection are per-
formed on a periodical basis.
Electrical
Characteristics
General Requirements
All static and dynamic electrical characteristics specified and the relevant measurement
conditions are given below. For inspection purpose, refer to relevant specification:
Static electrical characteristics for all electrical variants.
Dynamic electrical characteristics for 68882-16 (16.67 MHz), 68882-20 (20 MHz),
68882-25 (25 MHz) and 68882-33 (33 MHz).
For static characteristics, test methods refer to clause “Test Load” on page 13 hereafter
of this specification (Table 5).
For dynamic characteristics (Tables 6 and 7), test methods refer to IEC 748-2 method
number, where existing.
Table 5. Static Characteristics
VCC =5.0 VDC ±10%; GND = 0 VDC;Tc = -55/+125°C or -40/+85°C
Symbol
Parameter
Min
Max
Unit
V
IH
Input High Voltage
2.0
V
CC
V
VIL
Input Low Voltage
GND - 0.3
0.8
V
IIN
Input Leakage Current at 5.5V CLK, RESET,R/W,A0-A4, CS,DS,AS,SIZE
10
µA
ITSI
HI-Z (off state) Input Current at 2.4V/0.4V DSACK0,DSACK1,D0-D31
20
µA
V
OH
Output High Voltage (I
OH =-400 µA)
(1) DSACK0,DSACK1,D0-D31
2.4
V
V
OL
Output Low Voltage (I
OL =5.3 mA)
(1) DSACK0,DSACK1,D0-D31
0.5
V
I
OL
Output Low Current (V
OL = GND) SENSE
500
µA


Similar Part No. - TS68882DESC01YA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN10 STMICROELECTRONICS-TS68000CFN10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN16 STMICROELECTRONICS-TS68000CFN16 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN8 STMICROELECTRONICS-TS68000CFN8 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CP10 STMICROELECTRONICS-TS68000CP10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
More results

Similar Description - TS68882DESC01YA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BITSYG5 ETC2-BITSYG5 Datasheet
1Mb / 2P
   Vector Floating Point co-processor Hardware MPEG video encoder
logo
Freescale Semiconductor...
MC68882FN25A FREESCALE-MC68882FN25A Datasheet
3Mb / 26P
   HCMOS Enhanced Floating-Point Coprocessor
logo
Motorola, Inc
MC68882 MOTOROLA-MC68882 Datasheet
1Mb / 45P
   HCMOS Enhanced Floating-Point Coprocessor
logo
Freescale Semiconductor...
MC68882EI33A FREESCALE-MC68882EI33A Datasheet
3Mb / 26P
   HCMOS Enhanced Floating-Point Coprocessor
MC68882EI25A FREESCALE-MC68882EI25A Datasheet
3Mb / 26P
   HCMOS Enhanced Floating-Point Coprocessor
logo
Texas Instruments
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com