Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1100AA03 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # F1100AA03
Description  Most Economical Design
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F1100AA03 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  F1100AA03 Datasheet HTML 1Page - List of Unclassifed Manufacturers F1100AA03 Datasheet HTML 2Page - List of Unclassifed Manufacturers F1100AA03 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Curtis Industries
A Division of Powers Holdings, Inc.
www.curtisind.com
Specifications subject to change.
Dimensions are shown for
reference purposes only.
4
F1100/F1150F/F1199 RFI Filters
Features:
• Most Economical Design
• Designed for General Purpose, Common Mode
Applications
• Available in Standard (F1100) and Low-Leakage (F1150)
(F1160) (F1170) (F1180) (F1190) (F1199) Models
Nominal
Current
Rating
115 VAC
Part
Number
Termination
Line/Load
MINIMUM INSERTION LOSS - dB (50 ohm Circuit)
MODE
Frequency - MHz
.15
.50
1.0
5.0
10
30
1A
F1100AA01
F1100BB01
QC/QC
Wire/Wire
Common
Differential
20
35
43
52
55
55
65
50
50
F1150AA01
F1150BB01
QC/QC
Wire/Wire
Common
Differential
20
30
37
50
55
50
65
50
50
F1199AA01
QC/QC
Common
Differential
32
5
45
14
45
23
43
47
43
50
40
45
2A
F1199AA02
F1199BB02
QC/QC
Wire/Wire
Common
Differential
24
5
35
13
43
16
45
45
45
50
40
45
3A
F1100AA03
F1100BB03
F1100PP03
QC/QC
Wire/Wire
PC/PC
Common
Differential
20
35
43
52
55
55
64
50
46
F1150AA03
F1150BB03
QC/QC
Wire/Wire
Common
Differential
20
30
37
50
55
50
64
50
46
F1199AA03
F1199BB03
QC/QC
Wire/Wire
Common
Differential
20
5
30
12
38
14
48
38
48
44
44
42
6A
F1100AA06
F1100BB06
QC/QC
Wire/Wire
Common
Differential
10
22
2
30
5
46
51
50
57
45
49
F1150AA06
F1150BB06
QC/QC
Wire/Wire
Common
Differential
10
20
2
27
5
45
51
45
57
45
49
F1199AA06
F1199BB06
QC/QC
Wire/Wire
Common
Differential
9
5
20
12
28
14
42
33
50
42
47
42
10A
F1100AA10
F1100BB10
QC/QC
Wire/Wire
Common
Differential
10
22
30
2
46
27
50
47
45
50
F1150AA10
F1150BB10
QC/QC
Wire/Wire
Common
Differential
10
20
27
2
45
27
45
47
45
50
F1199AA10
F1199BB10
F1199DD10
QC/QC
Wire/Wire
Screw/Screw
Common
Differential
9
5
20
12
25
14
38
33
42
42
40
42
20A
F1100AA20
F1100DD20
QC/QC
Screw/Screw
Common
Differential
8
18
22
5
36
22
42
46
45
60
F1150AA20
F1150DD20
QC/QC
Screw/Screw
Common
Differential
8
15
20
5
32
22
38
46
45
60
F1199AA20
F1199DD20
QC/QC
Screw/Screw
Common
Differential
10
5
20
12
28
15
35
30
38
40
40
40
30A
F1199DD30
Screw/Screw
Common
Differential
13
5
23
12
30
15
35
30
38
40
40
40
L
G
N
NOTE: Other combinations of terminals may be specified on special order.
F1100/F1150/F1199
Simplified Schematic


Similar Part No. - F1100AA03

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1100 IDT-F1100 Datasheet
956Kb / 17P
   RF to IF Dual Downconverting Mixer
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
   RF to IF Dual Downconverting Mixer
F1100 RENESAS-F1100 Datasheet
4Mb / 22P
   This document describes the specifications for the IDTF1178 Zero-DistortionTM RF to IF Downconverting Dual Mixer.
December 2014
logo
List of Unclassifed Man...
F1100C ETC1-F1100C Datasheet
441Kb / 2P
   5V FR-4 Surface Mount Crystal Clock Oscillators
F1100C00 ETC1-F1100C00 Datasheet
441Kb / 2P
   5V FR-4 Surface Mount Crystal Clock Oscillators
More results

Similar Description - F1100AA03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G-SERIES ETC-G-SERIES Datasheet
609Kb / 2P
   The first & most popular patented high-performance design
logo
Keystone Electronics Co...
2460 KEYSTONE-2460 Datasheet
450Kb / 1P
   Economical design, available with PC terminals or wire leads
logo
Omron Electronics LLC
3S4YR-HNW OMRON-3S4YR-HNW Datasheet
679Kb / 3P
   Low Profile Magnetic Card Reader/Writer for Economical Design
logo
NXP Semiconductors
75017144 NXP-75017144 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
logo
Ohmite Mfg. Co.
RES-40 OHMITE-RES-40 Datasheet
378Kb / 2P
   Economical
logo
List of Unclassifed Man...
WE1010NA ETC2-WE1010NA Datasheet
417Kb / 1P
   The most powerful station in its class, now in a new design
logo
Mitsumi Electronics, Co...
ML-940 MITSUMI-ML-940 Datasheet
74Kb / 2P
   MOST Connectors
logo
XFMRS Inc.
XFMOST1B XFMRS-XFMOST1B Datasheet
89Kb / 1P
   MOST TRANSFORMER
logo
CIT Relay & Switch
J115F1E CIT-J115F1E Datasheet
266Kb / 4P
   30A economical version
logo
Ohmite Mfg. Co.
TVW OHMITE-TVW Datasheet
116Kb / 1P
   Economical Commercial Grade
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com