Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FB15ANEP2-HA Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FB15ANEP2-HA
Description  General Specifications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FB15ANEP2-HA Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FB15ANEP2-HA Datasheet HTML 1Page - List of Unclassifed Manufacturers FB15ANEP2-HA Datasheet HTML 2Page - List of Unclassifed Manufacturers FB15ANEP2-HA Datasheet HTML 3Page - List of Unclassifed Manufacturers FB15ANEP2-HA Datasheet HTML 4Page - List of Unclassifed Manufacturers FB15ANEP2-HA Datasheet HTML 5Page - List of Unclassifed Manufacturers FB15ANEP2-HA Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Series FB
.5 Amp Momentary Pushbuttons
www.nkk.com
C41
C
CONTACT MATERIALS & RATINGS
Silver Contacts
Power Level
500mA @ 125V AC
AT536 Hex Nut
Material:
Brass with nickel plating
4
Gold Contacts
Logic Level
0.4VA maximum @ 28V AC/DC maximum
No Epoxy
PC/Turret Terminals
Epoxy Sealed
PC/Turret Terminals
Material: Polyamide
Finish: Glossy
P
EP
TERMINALS
2
TYPICAL SWITCH DIMENSIONS
PC/Turret
Plunger is white polyacetal.
FB15ANEP2-FA
SLIP-ON CAPS & COLORS
AT496
.295” (7.5mm) Diameter
AT475
.201” (5.1mm) Diameter
H
Panel Thickness:
.110” (2.8mm) maximum
Material: Polyamide
Finish: Glossy
F
A
B
C
Black
White
Red
Colors Available:
STANDARD HARDWARE & PANEL CUTOUT
(5.1) Dia
.201
(7.0) Dia
.276
(4.0)
.157
M5 P0.5
(1.2)
.047
(5.0) Dia
.197
(2.7)
.106
(5.0)
.197
(5.9)
.232
(4.0)
.157
(11.8)
.465
(2.8) Dia
.110
(2.54)
.100
(0.15) Typ
.006
(5.1) Dia
.201
(4.0)
.157
(5.9)
.232
(7.5) Dia
.295
(4.0)
.157
(5.9)
.232
(7.0)
.276
M5 P0.5
(8.0)
.315
(1.2)
.047
(5.3) Dia
.209
Complete explanation of operating range in Supplement section.


Similar Part No. - FB15ANEP2-HA

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
FB15ANEP2-HA NKK-FB15ANEP2-HA Datasheet
100Kb / 4P
   .5 Amp Momentary Pushbuttons
More results

Similar Description - FB15ANEP2-HA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com