Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACM1602A Datasheet(PDF) 3 Page - AZ Displays

Part # ACM1602A
Description  ACM1602A SERIES LCD MODULE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ACM1602A Datasheet(HTML) 3 Page - AZ Displays

  ACM1602A Datasheet HTML 1Page - AZ Displays ACM1602A Datasheet HTML 2Page - AZ Displays ACM1602A Datasheet HTML 3Page - AZ Displays ACM1602A Datasheet HTML 4Page - AZ Displays ACM1602A Datasheet HTML 5Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AZ DISPLAYS, INC.
3
6/5/97
ACM1602A SERIES LCD MODULE
6.0 POWER SUPPLY
7.0 BLOCK DIAGRAM
COM1
SEG1~40
U1
3 VO
1 VSS
6 E
4 RS
5 R/W
2 VDD
COM16
16
COM
8
LED/EL
(16) K
(15) A
14 DB7
14 DB7
LCD 16 X 2
7 DB0
40
SEG41~80
U2
40
SEG1-----------SEG80
VSS
VO
VDD
VR
+5V
Standard temp range
VR = 10K
Ω ~ 20KΩ
VSS
VO
VDD
VR
+5V
Wide temp range
-5V
VR = 10K
Ω ~ 20KΩ


Similar Part No. - ACM1602A

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM1602B AZDISPLAYS-ACM1602B Datasheet
285Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
ACM1602B ZETTLER-ACM1602B Datasheet
603Kb / 12P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ACM1602BW AZDISPLAYS-ACM1602BW Datasheet
424Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602C AZDISPLAYS-ACM1602C Datasheet
176Kb / 6P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602E AZDISPLAYS-ACM1602E Datasheet
284Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - ACM1602A

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM4004D AZDISPLAYS-ACM4004D Datasheet
112Kb / 5P
   ACM4004D SERIES LCD MODULE
AGM6448V AZDISPLAYS-AGM6448V Datasheet
254Kb / 8P
   AGM6448V Series LCD Module
ACM1602M AZDISPLAYS-ACM1602M Datasheet
71Kb / 5P
   ACM1602M SERIES LCD MODULE
ACM2002C AZDISPLAYS-ACM2002C Datasheet
73Kb / 5P
   ACM2002C SERIES LCD MODULE
ACM1601B AZDISPLAYS-ACM1601B Datasheet
69Kb / 5P
   ACM1601B SERIES LCD MODULE
ACM2402B AZDISPLAYS-ACM2402B Datasheet
73Kb / 5P
   ACM2402B SERIES LCD MODULE
ACM1602W AZDISPLAYS-ACM1602W Datasheet
75Kb / 5P
   ACM1602W SERIES LCD MODULE
ACM1601D AZDISPLAYS-ACM1601D Datasheet
74Kb / 5P
   ACM1601D SERIES LCD MODULE
ACM1602L AZDISPLAYS-ACM1602L Datasheet
79Kb / 5P
   ACM1602L SERIES LCD MODULE
ACM1602R AZDISPLAYS-ACM1602R Datasheet
101Kb / 5P
   ACM1602R SERIES LCD MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com