Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G28KP-YB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # G28KP-YB
Description  Process Sealed Ultra-Miniature Rockers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

G28KP-YB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  G28KP-YB Datasheet HTML 1Page - List of Unclassifed Manufacturers G28KP-YB Datasheet HTML 2Page - List of Unclassifed Manufacturers G28KP-YB Datasheet HTML 3Page - List of Unclassifed Manufacturers G28KP-YB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series G
Process Sealed Ultra-Miniature Rockers
www.nkk.com
B28
B
General Specifications
Electrical Capacity (Resistive Load)
Logic Level:
0.4VA maximum @ 28V AC/DC maximum
(Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V)
Note: Find additional explanation of operating range in Supplement section.
Other Ratings
Contact Resistance:
80 milliohms maximum
Insulation Resistance:
500 megohms minimum @ 500V DC
Dielectric Strength:
500V AC minimum for 1 minute minimum
Mechanical Life:
100,000 operations minimum for On-None-On & On-Off-On
50,000 operations minimum for other circuits
Electrical Life:
100,000 operations minimum for On-None-On & On-Off-On
50,000 operations minimum for other circuits
Nominal Operating Force:
.81N for momentary & 1.06N for maintained
Angle of Throw:
28°
Materials & Finishes
Actuator:
Glass fiber reinforced polyamide
Case:
Glass fiber reinforced polyamide
Sealing Rings:
Nitrile butadiene rubber
Movable Contact:
Phosphor bronze with gold plating
Stationary Contacts:
Phosphor bronze with gold plating
Base:
Glass fiber reinforced polyamide
Terminals:
Phosphor bronze with gold plating
Environmental Data
Operating Temperature Range:
–25°C through +85°C (–13°F through +185°F)
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Installation
Cap Installation Force:
39.1N (8.8 lbf) maximum downward force on actuator
PCB Processing
Soldering:
Wave Soldering Recommended: See Profile A in Supplement section.
Manual Soldering: See Profile A in Supplement section.
Cleaning:
Automated cleaning. See Cleaning specifications in Supplement section.
Standards & Certifications
The G Series rockers have not been tested for UL recognition or CSA certification.
These switches are designed for use in a low-voltage, low-current, logic-level circuit.
When used as intended in a logic-level circuit, the results do not produce hazardous energy.


Similar Part No. - G28KP-YB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
G28KP-YB NKK-G28KP-YB Datasheet
101Kb / 4P
   Process Sealed Ultra-Miniature Rockers
G28KP-YB NKK-G28KP-YB Datasheet
124Kb / 4P
   General Specifications
More results

Similar Description - G28KP-YB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
G12KP-YA NKK-G12KP-YA Datasheet
101Kb / 4P
   Process Sealed Ultra-Miniature Rockers
M2T12TXW13-D NKK-M2T12TXW13-D Datasheet
253Kb / 7P
   Process Sealed Miniature Rockers
logo
List of Unclassifed Man...
M2T22TXG41-DC ETC2-M2T22TXG41-DC Datasheet
597Kb / 8P
   Process Sealed Miniature Rockers
logo
Nihon Kaiheiki Industry...
A12KP NKK-A12KP Datasheet
266Kb / 7P
   Process Sealed Subminiature Rockers
logo
List of Unclassifed Man...
A23K1V-DA ETC2-A23K1V-DA Datasheet
241Kb / 7P
   Process Sealed Subminiature Rockers
A13KW-CA ETC2-A13KW-CA Datasheet
888Kb / 8P
   Process Sealed Subminiature Rockers
GB15AP ETC2-GB15AP Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
G13AH ETC2-G13AH Datasheet
121Kb / 4P
   Process Sealed Ultra-Miniature Toggles
GB15AH-XC ETC2-GB15AH-XC Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
GB15AP-XA NKK-GB15AP-XA Datasheet
144Kb / 5P
   Process Sealed Ultra-Miniature Pushbuttons
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com