Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1305 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1305
Description  Hinged top panel for 352HL and 352HS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1305 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1305 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1305 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1305 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1305 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
11.71
10.21
A
A
B
B
Open 325HL with bottom flanges (2 included)
and left hinged top plate.
Aluminum panels are not included.
For illustration only.
7.13
.33
325HL with bottom rotating feet (4 included)
8.75
(Bottom plate length)
10.04
(Top hinged plate lenght)
9.71
SECTION A-A
6.88
(Bottom
plate
lenght)
8.14
(Top
hinged
plate
lenght)
.44
(Boss
height)
5.76
(Top plate height)
6.82
Internal total clearance
6.00
Bottom height
7.84
SECTION B-B
Hinge for top plate
(mounted left or right)
-Material: UV stabilized Polycarbonate
Flammability UL 94 V-0
-Watertight enclosure meets or
exceed Nema 4 and or IP67.
PARTS INCLUDED
P/N
Qty.
Description
352 HLT
1
352 HL Top
350 HLB 1
350 HL Bottom
8300
1
300 O-ring
1304
2
Hinge pin
7011
2
710 / 720 /920 Safty Latch
7036
2
Latch pin
1305
2
350 Flange
1306
4
350 Feet
1307
2
350 Panel hinge pin
1308
1
350 Panel hinge A
1309
1
350 Panel hinge B
6028
4
SS #10 X 5/8" Pan H/L
I
352HL
Ph. (626) 331-0517 Fx. (626) 331-8584 serpac.com
2009 Wright Ave. La Verne, CA 91750
9/2/11
ALL DIMENSIONS ARE ± .010"


Similar Part No. - 1305

ManufacturerPart #DatasheetDescription
logo
Heyco.
1305 HEYCO-1305 Datasheet
120Kb / 1P
   Window “View Port” Plugs
logo
Cooper Bussmann, Inc.
1305-AA02A COOPER-1305-AA02A Datasheet
150Kb / 20P
   High Speed Fuses
1305-AA03A COOPER-1305-AA03A Datasheet
150Kb / 20P
   High Speed Fuses
1305-AA04A COOPER-1305-AA04A Datasheet
150Kb / 20P
   High Speed Fuses
1305-AA08A COOPER-1305-AA08A Datasheet
150Kb / 20P
   High Speed Fuses
More results

Similar Description - 1305

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N060002 TRIPPLITE-N060002 Datasheet
475Kb / 2P
   2U Hinged Wall-Mount Patch Panel Bracket
N060004 TRIPPLITE-N060004 Datasheet
471Kb / 2P
   4U Hinged Wall-Mount Patch Panel Bracket
N060-001 TRIPPLITE-N060-001 Datasheet
156Kb / 2P
   1U Hinged Wall-Mount Patch Panel Bracket
logo
Bud Industries, Inc.
NBX-10915 BUD-NBX-10915 Datasheet
77Kb / 1P
   LOCKING HASP KIT, INTERNAL PANEL HINGED BRACKET KIT
logo
Tripp Lite. All Rights ...
N060-002 TRIPPLITE-N060-002 Datasheet
151Kb / 2P
   2U Hinged Wall-Mount Patch Panel Bracket, TAA
N060-004 TRIPPLITE-N060-004 Datasheet
153Kb / 2P
   4U Hinged Wall-Mount Patch Panel Bracket, TAA
SRWO8UBRKT TRIPPLITE-SRWO8UBRKT Datasheet
165Kb / 2P
   8U Wall-Mount Bracket for Small Switches and Patch Panels, Hinged
logo
HARTING Technology Grou...
09-14-024-0303 HARTING-09-14-024-0303 Datasheet
484Kb / 2P
   Hinged frame 24B for 6 modules (A..F)
2021-10-01
09-14-024-0313 HARTING-09-14-024-0313 Datasheet
493Kb / 2P
   Hinged frame 24B for 6 modules (a..f)
2021-10-01
logo
List of Unclassifed Man...
A8N86 ETC2-A8N86 Datasheet
641Kb / 2P
   Hinged-Cover Type 1 Boxes, Enclosures and Acc essories
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com