Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2220S Datasheet(PDF) 4 Page - Analog Devices

Part # SSM2220S
Description  Audio Dual Matched PNP Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2220S Datasheet(HTML) 4 Page - Analog Devices

  SSM2220S Datasheet HTML 1Page - Analog Devices SSM2220S Datasheet HTML 2Page - Analog Devices SSM2220S Datasheet HTML 3Page - Analog Devices SSM2220S Datasheet HTML 4Page - Analog Devices SSM2220S Datasheet HTML 5Page - Analog Devices SSM2220S Datasheet HTML 6Page - Analog Devices SSM2220S Datasheet HTML 7Page - Analog Devices SSM2220S Datasheet HTML 8Page - Analog Devices SSM2220S Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SSM2220
Data Sheet
Rev. C | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Breakdown Voltage of
Collector to Base Voltage (BVCBO)
36 V
Collector to Emitter Voltage (BVCEO)
36 V
Collector to Collector Voltage (BVCC)
36 V
Emitter to Emitter Voltage (BVEE)
36 V
Current
Collector (IC)
20 mA
Emitter (IE)
20 mA
Temperature Range
Operating
–40°C to +85°C
Storage
–65°C to +150°C
Junction
–65°C to +150°C
Lead Temperature (Soldering, 60 sec)
+300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Table 4.
Package Type
θJA1
θJC
Unit
8-Lead PDIP
103
43
°C/W
8-Lead SOIC
158
43
°C/W
1
θJA is specified for worst-case mounting conditions; that is, θJA is specified for a
device in a socket for the PDIP package, and a device soldered to a printed
circuit board for SOIC packages.
ESD CAUTION


Similar Part No. - SSM2220S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2220S AD-SSM2220S Datasheet
427Kb / 8P
   Audio Dual Natched PNP transistor
More results

Similar Description - SSM2220S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2220 AD-SSM2220_15 Datasheet
370Kb / 12P
   Audio Dual Matched PNP Transistor
SSM2210PZ AD-SSM2210PZ Datasheet
2Mb / 12P
   Audio Dual Matched NPN Transistor
REV. C
SSM2210PZ AD-SSM2210PZ Datasheet
2Mb / 12P
   Audio Dual Matched NPN Transistor
REV. C
SSM2212 AD-SSM2212_15 Datasheet
362Kb / 12P
   Audio, Dual-Matched NPN Transistor
SSM2212 AD-SSM2212 Datasheet
260Kb / 12P
   Audio, Dual-Matched NPN Transistor
Rev. B
MAT12AHZ AD-MAT12AHZ Datasheet
271Kb / 12P
   Audio, Dual-Matched NPN Transistor
REV. 0
SSM2210 AD-SSM2210_15 Datasheet
2Mb / 12P
   Audio Dual Matched NPN Transistor
MAT03 AD-MAT03 Datasheet
254Kb / 12P
   Low Noise, Matched Dual PNP Transistor
REV. B
MAT03 AD-MAT03_17 Datasheet
565Kb / 5P
   Low Noise, Matched Dual PNP Transistor
MAT03 AD-MAT03_15 Datasheet
577Kb / 12P
   Low Noise, Matched Dual PNP Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com