Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GW12LCV Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GW12LCV
Description  Ultra-Thin Rockers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GW12LCV Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GW12LCV Datasheet HTML 1Page - List of Unclassifed Manufacturers GW12LCV Datasheet HTML 2Page - List of Unclassifed Manufacturers GW12LCV Datasheet HTML 3Page - List of Unclassifed Manufacturers GW12LCV Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series GW
Ultra-Thin Rockers
www.nkk.com
B34
B
Poles
1
SPDT
2
DPDT
TYPICAL SWITCH ORDERING EXAMPLE
1
GW
Circuit
2
ON
NONE
ON
PC Terminals
P
Straight
H
Right Angle
V
Vertical
2
DESCRIPTION FOR TYPICAL ROCKER ORDERING EXAMPLE
GW12RCP
R
P
C
Straight PC Terminals
SPDT
ON-NONE-ON Circuit
Red Rocker Cap
Rocker Position
Connected Terminals
Throw & Schematics
Pole
Model
Up
Center
Down
Up
Center
Down
Note: Terminal numbers are not
actually on the switch.
SP
GW12
ON
NONE
ON
5-6
OPEN
5-4
SPDT
DP
GW22
ON
NONE
ON
5-6 2-3
OPEN
5-4 2-1
DPDT
POLES & CIRCUIT
TYPICAL SWITCH DIMENSIONS
Straight PC
Single Pole
Straight PC
Double Pole
GW12RCP
On single pole models positions 1 & 3 are support pins.
GW22LCP
(4.5)
.177
(7.0)
.276
(3.0)
.118
(0.25) Typ
.010
(0.25) Typ
.010
(2.3)
.091
(7.0)
.276
(2.6)
.102
28°
(1.35)
.053
P/N This Side
(0.4) Dia Typ
.016
(2.54) Typ
.100
(2.54)
.100
4
5
6
1
3
(0.25) Typ
.010
(0.25) Typ
.010
(3.0)
.118
(4.5)
.177
(7.0)
.276
(2.6)
.102
(3.8)
.150
(7.0)
.276
(2.6)
.102
28°
P/N This Side
(0.4) Dia Typ
.016
(2.54) Typ
.100
(2.54)
.100
4
5
6
1
2
3
(0.6) Dia Typ
.024
(2.54) Typ
.100
(2.54)
.100
4
5
6
(0.6) Dia Typ
.024
(2.54) Typ
.100
(2.54)
.100
1
2
3
4
5
6
5 (COM)
6
4
(COM)
6
4
5
1
2
3
Actuator Colors
B
White
C
Red
H
Gray
Actuators
R
Rocker
L
Paddle


Similar Part No. - GW12LCV

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
GW12LCV NKK-GW12LCV Datasheet
147Kb / 4P
   Ultra-Thin Rockers
More results

Similar Description - GW12LCV

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
GW12RBP NKK-GW12RBP Datasheet
147Kb / 4P
   Ultra-Thin Rockers
G12KP-YA NKK-G12KP-YA Datasheet
101Kb / 4P
   Process Sealed Ultra-Miniature Rockers
logo
List of Unclassifed Man...
G22KP-YA ETC2-G22KP-YA Datasheet
137Kb / 4P
   Process Sealed Ultra-Miniature Rockers
logo
Nihon Kaiheiki Industry...
M2012TNW NKK-M2012TNW Datasheet
332Kb / 10P
   Miniature Rockers
logo
List of Unclassifed Man...
M2012TNW01-DC ETC2-M2012TNW01-DC Datasheet
282Kb / 10P
   Miniature Rockers
M2013TXG41-DC ETC2-M2013TXG41-DC Datasheet
367Kb / 12P
   Miniature Rockers
M2012TJW01-FC-1A ETC2-M2012TJW01-FC-1A Datasheet
1,001Kb / 9P
   Miniature Rockers
logo
Nihon Kaiheiki Industry...
JWS11RAA-A NKK-JWS11RAA-A Datasheet
351Kb / 6P
   Internationally Approved Rockers
logo
List of Unclassifed Man...
GB215AB ETC2-GB215AB Datasheet
147Kb / 4P
   Ultra-Thin Pushbuttons
logo
Nihon Kaiheiki Industry...
GB215AP NKK-GB215AP Datasheet
141Kb / 4P
   Ultra-Thin Pushbuttons
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com