Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XAL1060-181MEB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # XAL1060-181MEB
Description  Shielded Power Inductors ??XAL1060
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

XAL1060-181MEB Datasheet(HTML) 1 Page - Coilcraft lnc.

  XAL1060-181MEB Datasheet HTML 1Page - Coilcraft lnc. XAL1060-181MEB Datasheet HTML 2Page - Coilcraft lnc. XAL1060-181MEB Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical of high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
HIGH TEMPERA
TURE
ShieldedPowerInductors– XAL1060
Document 812-1
Document 812-1 Revised 07/25/12
Inductance2
DCR (mOhms)3
SRF typ4
Isat5
Irms (A)6
Part number1
±20% (µH)
typ
max
(MHz)
(A)
20°C rise 40°C rise
XAL1060-181ME_
0.18
0.50
0.55
68
>100
28.8
46.0
XAL1060-401ME_
0.40
0.80
0.88
60
82
25.9
36.8
XAL1060-681ME_
0.68
1.35
1.50
51
52
22.4
33.9
XAL1060-122ME_
1.2
2.50
2.75
44
43
17.9
26.3
XAL1060-152ME_
1.5
3.00
3.30
36
36
16.0
24.4
XAL1060-222ME_
2.2
4.50
4.95
25
32
13.9
20.0
XAL1060-332ME_
3.3
7.20
7.92
19
26
11.2
16.8
XAL1060-472ME_
4.7
9.75
10.72
16
25
8.5
14.0
1. When ordering, please specify
packaging code:
XAL1060-152MEC
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic tape (150 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic tape. Factory order only, not stocked
(750 parts per full reel).
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 4395A or equivalent.
5. DC current at which the inductance drops 30% (typ) from its value without current.
6. Current that causes the specified temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Designer’s Kit C435 contains 3 of each XAL1060 and XAL1010 value
Core material Composite
Environmental RoHS compliant, halogen free
Terminations RoHS compliant tin-silver (96.5/3.5) over copper.
Other terminations available at additional cost.
Weight 3.6 – 3.8 g
Ambient temperature –40°C to +125°C with Irms current, +125°C
to +165°C with derated current.
Storage temperature Component: –40°C to +165°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 150/7
″reel; 600/13″ reel Plastic tape: 24 mm wide,
0.3 mm thick, 16 mm pocket spacing, 6.3 mm pocket depth
PCB washing Only pure water or alcohol recommended
• Excellent current handling – over 100 A
• Very low DCR – as low as 0.5 mOhm
• Soft saturation
Irms Testing
Irms testing was performed on
0.75 inch wide × 0.25 inch thick
copper traces in still air.
Temperature rise is highly
dependent on many factors
including pcb land pattern, trace
size, and proximity to other
components. Therefore temper-
ature rise should be verified in
application conditions.


Similar Part No. - XAL1060-181MEB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XAL1060-181MEB COILCRAFT-XAL1060-181MEB Datasheet
201Kb / 3P
   Shielded Power Inductors ??XAL1060
More results

Similar Description - XAL1060-181MEB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XAL1060-401MEB COILCRAFT-XAL1060-401MEB Datasheet
201Kb / 3P
   Shielded Power Inductors ??XAL1060
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com