Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6338G Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N6338G
Description  High-Power NPN Silicon Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6338G Datasheet(HTML) 1 Page - ON Semiconductor

  2N6338G Datasheet HTML 1Page - ON Semiconductor 2N6338G Datasheet HTML 2Page - ON Semiconductor 2N6338G Datasheet HTML 3Page - ON Semiconductor 2N6338G Datasheet HTML 4Page - ON Semiconductor 2N6338G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2011
October, 2011 − Rev. 12
1
Publication Order Number:
2N6338/D
2N6338, 2N6341
High-Power NPN Silicon
Transistors
. . . designed for use in industrial−military power amplifier and
switching circuit applications.
High Collector−Emitter Sustaining Voltage −
VCEO(sus) = 100 Vdc (Min) − 2N6338
= 150 Vdc (Min) − 2N6341
High DC Current Gain −
hFE = 30 − 120 @ IC = 10 Adc
= 12 (Min) @ IC = 25 Adc
Low Collector−Emitter Saturation Voltage −
VCE(sat) = 1.0 Vdc (Max) @ IC = 10 Adc
Fast Switching Times @ IC = 10 Adc
tr = 0.3 ms (Max)
ts = 1.0 ms (Max)
tf = 0.25 ms (Max)
Pb−Free Packages are Available
*MAXIMUM RATINGS
Rating
Symbol
2N6338
2N6341
Unit
Collector−Base Voltage
VCB
120
180
Vdc
Collector−Emitter Voltage
VCEO
100
150
Vdc
Emitter−Base Voltage
VEB
6.0
Vdc
Collector Current
Continuous
Peak
IC
25
50
Adc
Base Current
IB
10
Adc
Total Device Dissipation
@ TC = 25_C
Derate above 25_C
PD
200
1.14
W
W/°C
Operating and Storage
Junction
Temperature Range
TJ, Tstg
– 65 to + 200
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
θJC
0.875
_C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*Indicates JEDEC Registered Data.
Device
Package
Shipping
ORDERING INFORMATION
2N6338
TO−204AA
100 Units / Tray
2N6338G
TO−204AA
(Pb−Free)
TO−204AA
CASE 1−07
100 Units / Tray
25 AMPERE
POWER TRANSISTORS
NPN SILICON
http://onsemi.com
2N6341
TO−204AA
100 Units / Tray
2N6341G
TO−204AA
(Pb−Free)
100 Units / Tray


Similar Part No. - 2N6338G

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6338 MOSPEC-2N6338 Datasheet
128Kb / 3P
   POWER TRANSISTOR(25A,200W)
logo
Quanzhou Jinmei Electro...
2N6338 JMNIC-2N6338 Datasheet
160Kb / 3P
   Silicon NPN Power Transistors
logo
ON Semiconductor
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
logo
Boca Semiconductor Corp...
2N6338 BOCA-2N6338 Datasheet
134Kb / 3P
   HIGH-POWER NPN SILICON TRANSISTORS
logo
ON Semiconductor
2N6338 ONSEMI-2N6338 Datasheet
66Kb / 4P
   High-Power NPN Silicon Transistors
May, 2001 ??Rev. 10
More results

Similar Description - 2N6338G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUW48 STMICROELECTRONICS-BUW48 Datasheet
62Kb / 4P
   HIGH POWER NPN SILICON TRANSISTORS
logo
M/A-COM Technology Solu...
2N3902 MA-COM-2N3902 Datasheet
501Kb / 4P
   NPN High Power Silicon Transistors
logo
Boca Semiconductor Corp...
2N6338 BOCA-2N6338 Datasheet
134Kb / 3P
   HIGH-POWER NPN SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
BUW48 NJSEMI-BUW48 Datasheet
104Kb / 3P
   HIGH POWER NPN SILICON TRANSISTORS
logo
Comset Semiconductor
2N6253 COMSET-2N6253 Datasheet
207Kb / 4P
   HIGH POWER SILICON NPN TRANSISTORS
logo
New Jersey Semi-Conduct...
2N6274 NJSEMI-2N6274 Datasheet
248Kb / 2P
   HIGH-POWER NPN SILICON TRANSISTORS
logo
STMicroelectronics
BUX48 STMICROELECTRONICS-BUX48 Datasheet
89Kb / 7P
   HIGH POWER NPN SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
BUX98 NJSEMI-BUX98 Datasheet
97Kb / 3P
   HIGH POWER NPN SILICON TRANSISTORS
logo
ON Semiconductor
2N6338 ONSEMI-2N6338 Datasheet
66Kb / 4P
   High-Power NPN Silicon Transistors
May, 2001 ??Rev. 10
logo
Comset Semiconductor
2N6253 COMSET-2N6253_12 Datasheet
88Kb / 4P
   HIGH POWER SILICON NPN TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5301 NJSEMI-2N5301 Datasheet
282Kb / 2P
   HIGH-POWER NPN SILICON TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com