Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATV750BL-15PC Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATV750BL-15PC
Description  High-Speed UV-Erasable Programmable Logic Device
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV750BL-15PC Datasheet(HTML) 5 Page - ATMEL Corporation

  ATV750BL-15PC Datasheet HTML 1Page - ATMEL Corporation ATV750BL-15PC Datasheet HTML 2Page - ATMEL Corporation ATV750BL-15PC Datasheet HTML 3Page - ATMEL Corporation ATV750BL-15PC Datasheet HTML 4Page - ATMEL Corporation ATV750BL-15PC Datasheet HTML 5Page - ATMEL Corporation ATV750BL-15PC Datasheet HTML 6Page - ATMEL Corporation ATV750BL-15PC Datasheet HTML 7Page - ATMEL Corporation ATV750BL-15PC Datasheet HTML 8Page - ATMEL Corporation ATV750BL-15PC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ATV750B
5
AC Waveforms, Product Term Clock(1)
Note:
1.
Timing measurement reference is 1.5V. Input AC driving levels are 0.0V and 3.0V, unless otherwise specified.
Note:
1. See ordering information for valid part numbers.
AC Characteristics, Product Term Clock(1)
Symbol
Parameter
-7
-10
B/BL-15
B/BL-25
Units
Min
Max
Min
Max
Min
Max
Min
Max
t
PD
Input or Feedback to
Non-Registered Output
7.5
10
15
25
ns
t
EA
Input to Output Enable
7.5
10
15
25
ns
t
ER
Input to Output Disable
7.5
10
15
25
ns
t
CO
Clock to Output
3
7.5
4
10
5
12
6
20
ns
t
CF
Clock to Feedback
1
5
4
7.5
5
9
5
10
ns
t
S
Input Setup Time
3
4
8/12
14
ns
t
SF
Feedback Setup Time
3
4
7
7
ns
t
H
Hold Time
1
2
5/7
5/7
ns
t
P
Clock Period
7
11
14
17
ns
t
W
Clock Width
3.5
5.5
7
8.5
ns
F
MAX
External Feedback 1/(t
S+tCO)
95
71
50/41
29
MHz
Internal Feedback 1/(t
SF+tCF)
125
86
62
58
MHz
No Feedback 1/(t
P)
142
90
71
58
MHz
t
AW
Asynchronous Reset Width
5
10
15
20
ns
t
AR
Asynchronous Reset
Recovery Time
310
15
20
ns
t
AP
Asynchronous Reset to
Registered Output Reset
812
15
25
ns
t
SP
Setup Time, Synchronous Preset
4
7
8
15
ns


Similar Part No. - ATV750BL-15PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV750-20DM ATMEL-ATV750-20DM Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV750-20DM/883 ATMEL-ATV750-20DM/883 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV750-20GM ATMEL-ATV750-20GM Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV750-20GM/883 ATMEL-ATV750-20GM/883 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
More results

Similar Description - ATV750BL-15PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV5000 ATMEL-ATV5000 Datasheet
156Kb / 13P
   High Density UV Erasable Programmable Logic Device
ATV2500H ATMEL-ATV2500H Datasheet
661Kb / 15P
   High-Density UV-Erasable Programmable Logic Device
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
   Low-Voltage UV Erasable Programmable Logic Device
ATF750C ATMEL-ATF750C_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF750CL ATMEL-ATF750CL_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com