Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T555714M01-TAS Datasheet(PDF) 7 Page - ATMEL Corporation

Part # T555714M01-TAS
Description  Multifunctional 330-bit Read/Write RF-Identification IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T555714M01-TAS Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button T555714M01-TAS Datasheet HTML 3Page - ATMEL Corporation T555714M01-TAS Datasheet HTML 4Page - ATMEL Corporation T555714M01-TAS Datasheet HTML 5Page - ATMEL Corporation T555714M01-TAS Datasheet HTML 6Page - ATMEL Corporation T555714M01-TAS Datasheet HTML 7Page - ATMEL Corporation T555714M01-TAS Datasheet HTML 8Page - ATMEL Corporation T555714M01-TAS Datasheet HTML 9Page - ATMEL Corporation T555714M01-TAS Datasheet HTML 10Page - ATMEL Corporation T555714M01-TAS Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7
T5557
4517E–RFID–02/03
The sequence terminator may be individually enabled by setting of mode bit 29
(ST = ‘1’) in the e5550-compatibility mode (X-mode = ‘0’).
In the regular-read mode, the sequence terminator is inserted at the start of each
MAXBLK-limited read data stream.
In block-read mode – after any block-write or direct access command – or if MAXBLK
was set to 0 or 1, the sequence terminator is inserted before the transmission of the
selected block.
Especially this behavior is different to former e5550 – compatible ICs (T5551, T5554).
Figure 7. Read Data Stream with Sequence Terminator
Figure 8. e5550-compatible Sequence Terminator Waveforms
Reader to Tag
Communication
Data is written to the tag by interrupting the RF field with short field gaps (on-off keying)
in accordance with the e5550 write method. The time between two gaps encodes the
‘0/1’ information to be transmitted (pulse interval encoding). The duration of the gaps is
usually 50 µs to 150 µs. The time between two gaps is nominally 24 field clocks for a ‘0’
and 54 field clocks for a ‘1’. When there is no gap for more than 64 field clocks after a
previous gap, the T5557 exits the write mode. The tag starts with the command execu-
tion if the correct number of bits were received. If there is a failure detected the T5557
does not continue and will enter regular-read mode.
Start Gap
The initial gap is referred to as the start gap. This triggers the reader to tag communica-
tion. During this mode of operation, the receive damping is permanently enabled to ease
gap detection. The start gap may need to be longer than subsequent gaps in order to be
detected reliably.
Block 1
Block 2
MAXBLK
Block 1
Block 2
Block 1
Block 2
MAXBLK
Block 1
Block 2
No terminator
ST = on
Sequence terminator
Sequence terminator
Regular read mode
Last bit
First Bit
Manchester
Bit period
Modulation
off (on)
Data '1'
Data '1'
Modulation
off (on)
bit '1' or '0'
FSK
Sequence
Waveforms per different modulation types
VCoil
PP
Data '1'
Data '1'
Sequence terminator not suitable for Biphase or PSK modulation


Similar Part No. - T555714M01-TAS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T555711-TAS ATMEL-T555711-TAS Datasheet
721Kb / 29P
   Multifunctional 330-bit Read/Write RF-Identification IC
More results

Similar Description - T555714M01-TAS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5567 ATMEL-ATA5567 Datasheet
648Kb / 36P
   Multifunctional 330-bit Read/Write RF Identification IC
T555711-TAS ATMEL-T555711-TAS Datasheet
721Kb / 29P
   Multifunctional 330-bit Read/Write RF-Identification IC
ATA5570 ATMEL-ATA5570 Datasheet
581Kb / 28P
   Multifunctional 330-bit Read/Write RF Sensor Identification IC
ATA5570C ATMEL-ATA5570C Datasheet
871Kb / 32P
   Multifunctional 330-bit Read/Write RF SensorIdentification IC
E5561 ATMEL-E5561 Datasheet
390Kb / 26P
   Standard Read/Write Crypto Identification IC
E5561 ATMEL-E5561_06 Datasheet
434Kb / 28P
   Standard Read/Write Crypto Identification IC
logo
EM Microelectronic - MA...
EM4444 EMMICRO-EM4444 Datasheet
109Kb / 1P
   512 bit, Read/Write UHF Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
   512 bit Read/Write Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com