Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV5692P-E Datasheet(PDF) 10 Page - ON Semiconductor

Part # LV5692P-E
Description  Multi-Power Supply System IC for Car Audio Systems
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV5692P-E Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LV5692P-E Datasheet HTML 6Page - ON Semiconductor LV5692P-E Datasheet HTML 7Page - ON Semiconductor LV5692P-E Datasheet HTML 8Page - ON Semiconductor LV5692P-E Datasheet HTML 9Page - ON Semiconductor LV5692P-E Datasheet HTML 10Page - ON Semiconductor LV5692P-E Datasheet HTML 11Page - ON Semiconductor LV5692P-E Datasheet HTML 12Page - ON Semiconductor LV5692P-E Datasheet HTML 13Page - ON Semiconductor LV5692P-E Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LV5692P
No.A1876-10/14
Recommended Operation Circuit
Peripheral parts list
Name of part
Description
Recommended value
Remarks
C2, C4, C6, C8, C11, C16
Output stabilization capacitor
10
μF or more*
Electrolytic capacitor
C1, C3, C5, C7, C10, C15
Output stabilization capacitor
0.22
μF or more*
Ceramic capacitor
C12, C13
Capacity for phase amends
C12=1000pF
(C13=0pF: TBD)
Ceramic capacitor
C18, C20
Power supply bypass capacitor
100
μF or more
C17, C19
Oscillation prevention capacitor
0.22
μF or more
These capacitors must be placed near
the VCC and GND pins.
C14
EXT output stabilization capacitor
2.2
μF or more
R1, R2
Resistor for ILM voltage adjustment
R1/R2=9.1k
Ω/27kΩ for 5.0V
A resistor with resistance accuracy as
low as less than
±1% must be used.
R3
Resistor for AUDIO voltage setting
0.1
Ω for Ipeak=3A
Panasonic ERJB1CFR10U(Reference)
M1
USB output Pch-FET
2SJ650
D1
Diode for prevention of backflow
D2, D3
Diode for internal element protection
SB1003M3
note)The circuit diagram and the values are only tentative which are subject to change.
* : Make sure that the capacitors of the output pins are 10
μF or higher and ESR is 10Ω or lower in total and temperature characteristics and accuracy are taken
into consideration. Also the E-cap should have good high frequency characteristics.
• USB output voltage setting method
Formula for USB voltage calculation
USB =
1.26[V]
R1
× R2 + 1.26[V]
R2
R1 =
(USB-1.26)
1.26
Please design so that the ratio of R1 and R2 may fill the
above-mentioned expression for the set USB voltage.
R2
R1 =
(5.0-1.26)
1.26
2.968
R2
R1 =
27kΩ
9.1kΩ
2.967
The FB voltage is determined by the internal
band gap voltage of the IC (typ = 1.26V)
USB = 1.26V
× 2.967 + 1.26V 4.998V
+
14
12
10
8
6
4
2
15
13
11
9
7
5
3
1
+
C8
C7
ILM
+
C11
C12
CD
CTRL2
CTRL3
R1
R2
C13
D1
C4
C3
D3
D2
C14
EXT
+
C10
AUDIO
+
C1
C2
DSP
CTRL1
+
C6
C5
VCC
+
USB
+
+
VDD
R3
C16
C15
C17
C18
C19
C20
R2
1.26V
R1
10
9
USBGT
USB
12
RSNS
VCC


Similar Part No. - LV5692P-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5692P-E ONSEMI-LV5692P-E Datasheet
266Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
More results

Similar Description - LV5692P-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5692P SANYO-LV5692P Datasheet
308Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5681P ONSEMI-LV5681P Datasheet
219Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV56801P ONSEMI-LV56801P Datasheet
205Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5695P SANYO-LV5695P Datasheet
300Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P_12 Datasheet
265Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
LV5681P SANYO-LV5681P Datasheet
246Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
LV5680P SANYO-LV5680P Datasheet
236Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P Datasheet
264Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com