Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVMFD5877NLT3G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NVMFD5877NLT3G
Description  60 V, 39 m, 17 A, Dual N?묬hannel, Logic Level, Dual SO8FL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFD5877NLT3G Datasheet(HTML) 5 Page - ON Semiconductor

  NVMFD5877NLT3G Datasheet HTML 1Page - ON Semiconductor NVMFD5877NLT3G Datasheet HTML 2Page - ON Semiconductor NVMFD5877NLT3G Datasheet HTML 3Page - ON Semiconductor NVMFD5877NLT3G Datasheet HTML 4Page - ON Semiconductor NVMFD5877NLT3G Datasheet HTML 5Page - ON Semiconductor NVMFD5877NLT3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NVMFD5877NL, NVMFD5877NLWF
http://onsemi.com
5
TYPICAL CHARACTERISTICS
0.01
0.1
1
10
100
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
0.1
Duty Cycle = 0.5
0.2
0.05
0.02
0.01
Single Pulse
Figure 12. Thermal Response
PULSE TIME (sec)
Device Mounted on 650 mm2
2 oz Cu PCB


Similar Part No. - NVMFD5877NLT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFD5877NLT3G ONSEMI-NVMFD5877NLT3G Datasheet
80Kb / 6P
   Power MOSFET
September, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com