Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVMFD5877NLT3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NVMFD5877NLT3G
Description  60 V, 39 m, 17 A, Dual N?묬hannel, Logic Level, Dual SO8FL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFD5877NLT3G Datasheet(HTML) 1 Page - ON Semiconductor

  NVMFD5877NLT3G Datasheet HTML 1Page - ON Semiconductor NVMFD5877NLT3G Datasheet HTML 2Page - ON Semiconductor NVMFD5877NLT3G Datasheet HTML 3Page - ON Semiconductor NVMFD5877NLT3G Datasheet HTML 4Page - ON Semiconductor NVMFD5877NLT3G Datasheet HTML 5Page - ON Semiconductor NVMFD5877NLT3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2013
November, 2013 − Rev. 8
1
Publication Order Number:
NVMFD5877NL/D
NVMFD5877NL,
NVMFD5877NLWF
Power MOSFET
60 V, 39 mW, 17 A, Dual N−Channel, Logic
Level, Dual SO8FL
Features
Low RDS(on) to Minimize Conduction Losses
Low Capacitance to Minimize Driver Losses
NVMFD5877NLWF − Wettable Flanks Product
AEC−Q101 Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free and are RoHS Compliant
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
60
V
Gate−to−Source Voltage
VGS
"20
V
Continuous Drain Cur-
rent RYJ−mb (Notes 1,
2, 3, 4)
Steady
State
Tmb = 25°C
ID
17
A
Tmb = 100°C
12
Power Dissipation
RYJ−mb (Notes 1, 2, 3)
Tmb = 25°C
PD
23
W
Tmb = 100°C
12
Continuous Drain Cur-
rent RqJA (Notes 1 &
3, 4)
Steady
State
TA = 25°C
ID
6
A
TA = 100°C
5
Power Dissipation
RqJA (Notes 1, 3)
TA = 25°C
PD
3.2
W
TA = 100°C
1.6
Pulsed Drain Current
TA = 25°C, tp = 10 ms
IDM
74
A
Operating Junction and Storage Temperature
TJ, Tstg
−55 to
+175
°C
Source Current (Body Diode)
IS
19
A
Single Pulse Drain−
to−Source Avalanche
Energy (TJ = 25°C,
VDD = 24 V, VGS =
10 V, RG = 25 W)
(IL(pk) = 14.5 A, L =
0.1 mH)
EAS
10.5
mJ
(IL(pk) = 6.3 A, L =
2 mH)
40
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
THERMAL RESISTANCE MAXIMUM RATINGS (Note 1)
Parameter
Symbol
Value
Unit
Junction−to−Mounting Board (top) − Steady
State (Note 2, 3)
RYJ−mb
6.5
°C/W
Junction−to−Ambient − Steady State (Note 3)
RqJA
47
1. The entire application environment impacts the thermal resistance values shown,
they are not constants and are only valid for the particular conditions noted.
2. Psi (Y) is used as required per JESD51−12 for packages in which
substantially less than 100% of the heat flows to single case surface.
3. Surface−mounted on FR4 board using a 650 mm2, 2 oz. Cu pad.
4. Maximum current for pulses as long as 1 second is higher but is dependent
on pulse duration and duty cycle.
ORDERING INFORMATION
http://onsemi.com
Device
Package
Shipping
V(BR)DSS
RDS(on) MAX
ID MAX
60 V
39 mW @ 10 V
17 A
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
DFN8 5x6
(SO8FL)
CASE 506BT
MARKING DIAGRAM
60 mW @ 4.5 V
NVMFD5877NLT1G
DFN8
(Pb−Free)
1500 / Tape &
Reel
NVMFD5877NLT3G
DFN8
(Pb−Free)
5000 / Tape &
Reel
D1
D1
D2
D2
S1
G1
S2
G2
Dual N−Channel
D1
S1
G1
5877xx
AYWZZ
D2
D1
D2
S2
G2
D2
D1
1
NVMFD5877NLWFT1G
DFN8
(Pb−Free)
1500 / Tape &
Reel
NVMFD5877NLWFT3G
DFN8
(Pb−Free)
5000 / Tape &
Reel
5877NL = Specific Device Code
for NVMFD5877NL
5877LW = Specific Device Code
for NVMFD5877NLWF
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceability


Similar Part No. - NVMFD5877NLT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFD5877NLT3G ONSEMI-NVMFD5877NLT3G Datasheet
80Kb / 6P
   Power MOSFET
September, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com