Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB15CKW01-5D-FB Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HB15CKW01-5D-FB
Description  Subminiature Pushbuttons
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HB15CKW01-5D-FB Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HB15CKW01-5D-FB Datasheet HTML 1Page - List of Unclassifed Manufacturers HB15CKW01-5D-FB Datasheet HTML 2Page - List of Unclassifed Manufacturers HB15CKW01-5D-FB Datasheet HTML 3Page - List of Unclassifed Manufacturers HB15CKW01-5D-FB Datasheet HTML 4Page - List of Unclassifed Manufacturers HB15CKW01-5D-FB Datasheet HTML 5Page - List of Unclassifed Manufacturers HB15CKW01-5D-FB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Series HB
Subminiature Pushbuttons
www.nkk.com
D16
D
Material: Polycarbonate
Finish: Glossy
JB
CAP TYPES & COLORS
LED COLORS & SPECIFICATIONS
The electrical specifications shown are determined at a basic temperature of 25°C.
LED circuit is isolated and requires external power source. Single element LED is colored in OFF state.
If the source voltage exceeds the rated voltage, a ballast resistor is required.
The resistor value can be calculated by using the formula in the Supplement section.
Cap Colors Available:
AT4052
Spot Illuminated
Clear Lens/
White Diffuser
Material: Polycarbonate
Finish: Glossy
Lens/Diffuser
Colors Available:
CB Red/White
White Cap for Bright & Super Bright LEDs
AB
Colored Cap for Bright LEDs
Black Cap with Translucent
White Window for LED Display
(7.4) Sq
.291
(4.6)
.181
(4.8)
.189
(3.0)
.118
(1.2)
.047
(1.8)
.071
FB
Green/White
DB Amber/White
(4.8)
.189
(4.5)
.177
(7.4) Sq
.291
(4.8)
.189
(4.5)
.177
(7.4) Dia
.291
Transparent Colored
Lens
Translucent
White Diffuser
Colored LED
AT633
Transparent Clear
Lens
Translucent
White Diffuser
Colored LEDs
AT624, AT629,
AT630, or AT633
(4.8)
.189
(4.5)
.177
(7.4) Sq
.291
(4.8)
.189
(4.5)
.177
(7.4) Dia
.291
Bright
Super Bright
Color
Red
Amber Green White Green
Blue
Unit
Forward Peak Current
I
FM
30
30
25
30
30
30
mA
Typical Forward Current
I
F
20
20
20
20
20
20
mA
Forward Voltage
V
F
1.85
2.0
2.2
3.6
3.5
3.6
V
Reverse Peak Voltage
V
RM
5
5
5
5
5
5
V
Current Reduction Rate Above 25°C
∆I
F
0.40
0.42
0.38
0.50
0.50
0.50 mA/°C
Ambient Temperature Range
–25° ~ +50°C
–25° ~ +50°C
5C
5D
5F
6F
6G
Note for Super Bright:
(+)
(-)
6B
Bright
AT633
Super Bright
AT624G
Blue
AT629B
White
AT630F
Green
T-1 Bi-pin
ATTENTION
ELECTROSTATIC
SENSITIVE DEVICES
Square only
Material: Polycarbonate
Finish: Matte
AT4031
Square
AT4032
Round
A
B
E
F
Cap Colors Available:
Nonilluminated Caps
C
G
Material: Polycarbonate
Finish: Glossy
AT4166
Square
AT4167
Round
Color Codes:
A Black
B White
C Red
D Amber
E Yellow
F Green
G Blue
J Clear
(4.5)
.177
(4.8)
.189
(7.4) Sq
.291
(4.8)
.189
(4.5)
.177
(7.4) Dia
.291
Black
(Square Only)
White
Yellow
Red
AT4035
Square
AT4036
Round
Blue
Green
No Code
No Lamp


Similar Part No. - HB15CKW01-5D-FB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
HB15CKW01-5D-FB NKK-HB15CKW01-5D-FB Datasheet
182Kb / 6P
   Subminiature Pushbuttons
HB15CKW01-5D-FB NKK-HB15CKW01-5D-FB Datasheet
163Kb / 6P
   Subminiature Pushbuttons
HB15CKW01-5D-FB NKK-HB15CKW01-5D-FB Datasheet
177Kb / 6P
   General Specifications
More results

Similar Description - HB15CKW01-5D-FB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
HB15SKW01-A NKK-HB15SKW01-A Datasheet
133Kb / 4P
   Subminiature Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB Datasheet
182Kb / 6P
   Subminiature Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB_10 Datasheet
163Kb / 6P
   Subminiature Pushbuttons
HB215SKG03CE-JB NKK-HB215SKG03CE-JB_10 Datasheet
136Kb / 4P
   Subminiature Audio/Video Pushbuttons
logo
List of Unclassifed Man...
HB215SKG03CF-JB ETC2-HB215SKG03CF-JB Datasheet
276Kb / 4P
   Subminiature Audio/Video Pushbuttons
logo
Nihon Kaiheiki Industry...
AB11AP-FA NKK-AB11AP-FA Datasheet
241Kb / 6P
   Process Sealed Subminiature Pushbuttons
NP0115AG03LC-JB NKK-NP0115AG03LC-JB Datasheet
940Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
NP0115AG03LC-JB NKK-NP0115AG03LC-JB_10 Datasheet
184Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
BB15AP-FA NKK-BB15AP-FA Datasheet
232Kb / 6P
   Process Sealed Subminiature Antistatic Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com