Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATV2500H-35JI Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATV2500H-35JI
Description  High-Density UV-Erasable Programmable Logic Device
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV2500H-35JI Datasheet(HTML) 1 Page - ATMEL Corporation

  ATV2500H-35JI Datasheet HTML 1Page - ATMEL Corporation ATV2500H-35JI Datasheet HTML 2Page - ATMEL Corporation ATV2500H-35JI Datasheet HTML 3Page - ATMEL Corporation ATV2500H-35JI Datasheet HTML 4Page - ATMEL Corporation ATV2500H-35JI Datasheet HTML 5Page - ATMEL Corporation ATV2500H-35JI Datasheet HTML 6Page - ATMEL Corporation ATV2500H-35JI Datasheet HTML 7Page - ATMEL Corporation ATV2500H-35JI Datasheet HTML 8Page - ATMEL Corporation ATV2500H-35JI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
Features
Third Generation Programmable Logic Structure
– Easily Achieves Gate Utilization Factors of 80 Percent
Increased Logic Flexibility
– 86 Inputs and 72 Sum Terms
Flexible Output Macrocell
– 48 Flip-Flops - 2 per Macrocell
– 3 Sum Terms - Can Be OR'ed and Shared
High-Speed
Low-Power — Less than 0.5 mA Typical (ATV2500L)
Multiple Feedback Paths Provide for Buried State Machines
and I/O Bus Compatibility
Asynchronous Clocks and Resets
– Multiple Synchronous Presets - One per Four or Eight Flip-Flops
Proven and Reliable High Speed CMOS EPROM Process
– 2000V ESD Protection
– 200 mA Latchup Immunity
Reprogrammable - Tested 100% for Programmability
40-pin Dual-In-line and 44-Lead Surface Mount Packages
Block Diagram
Description
The ATV2500H/L is the most powerful programmable logic device available in a 40-
pin package. Increased product terms, sum terms, and flip-flops translate into many
more usable gates. High gate utilization is easily obtainable.
The ATV2500H/L is organized around a global bus. All pin and feedback terms are
always available to every logic cell. Each of the 38 logic pins and their complements
are array inputs, as well as the true and false outputs of each of the 48 flip-flops.
High-Density
UV-Erasable
Programmable
Logic Device
ATV2500H
ATV2500L
Rev. 0025E–05/98
(continued)
Pin Configurations
Pin Name
Function
IN
Logic Inputs
I/O
Bidirectional Buffers
I/O, 0,2,4..
“Even” I/O Buffers
I/O, 1,3,5..
“Odd” I/O Buffers
*
No Internal Connection
VCC
+5V Supply
DIP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
IN
IN
IN
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
VCC
I/O17
I/O16
I/O15
I/O14
I/O13
I/O12
IN
IN
IN
IN
IN
IN
IN
IN
I/O6
I/O7
I/O8
I/O9
I/O10
I/O11
GND
I/O23
I/O22
I/O21
I/O20
I/O19
I/O18
IN
IN
IN
PLCC/LCC
* = No Connect
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
I/O2
I/O3
I/O4
I/O5
VCC
VCC
I/O17
I/O16
I/O15
I/O14
I/O13
I/O7
I/O8
I/O9
I/O10
I/O11
GND
GND
I/O23
I/O22
I/O21
I/O20


Similar Part No. - ATV2500H-35JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV2500B-12JC ATMEL-ATV2500B-12JC Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV2500B-12KC ATMEL-ATV2500B-12KC Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV2500B-15JC ATMEL-ATV2500B-15JC Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV2500B-15JI ATMEL-ATV2500B-15JI Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
More results

Similar Description - ATV2500H-35JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV5000 ATMEL-ATV5000 Datasheet
156Kb / 13P
   High Density UV Erasable Programmable Logic Device
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
   Low-Voltage UV Erasable Programmable Logic Device
ATF2500C ATMEL-ATF2500C_14 Datasheet
620Kb / 24P
   High-performance, High-density, Electrically-erasable Programmable Logic Device
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10C ATMEL-ATF22LV10C Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com