Electronic Components Datasheet Search |
|
XC6201P202PR-G Datasheet(PDF) 1 Page - Torex Semiconductor |
|
XC6201P202PR-G Datasheet(HTML) 1 Page - Torex Semiconductor |
1 / 24 page 1/24 XC6201 Series Positive Voltage Regulators ■ GENERAL DESCRIPTION The XC6201 series are highly precise, low power consumption, positive voltage regulators manufactured using CMOS and laser trimming technologies. The series provides large currents with a significantly small dropout voltage. The XC6201 consists of a current limiter circuit, a driver transistor, a precision reference voltage and an error amplifier. Output voltage is selectable in 0.1V steps between 1.3V ~ 6.0V. SOT-25, SOT-89, USP-6B and TO-92 packages are available. ■ APPLICATIONS ● Mobile Phones ● Cordless phones, wireless communication equipment ● Cameras, video recorders ● Portable games ● Portable AV equipment ● Reference voltage ● Battery powered equipment ■ TYPICAL APPLICATION CIRCUIT ■ FEATURES Maximum Output Current : 250mA (TYP.) Dropout Voltage : 0.16V @ 100mA : 0.40V @ 200mA Maximum Operating Voltage : 10V Output Voltage Range : 1.3V ~ 6.0V (0.1V increments) Fixed Voltage Accuracy : ±1% (VOUT(T)>2.0V) ± 2% Low Power Consumption : 2.0μA (TYP.) Operational Temperature Range : -40℃ ~ 85℃ Packages : SOT-25, SOT-89 TO-92 USP-6B Environmentally Friendly : EU RoHS Compliant, Pb Free Tantalum or Ceramic Capacitor compatible ■ TYPICAL PERFORMANCE CHARACTERISTICS XC6201P332 ETR0301_004 ● Supply Current vs. Input Voltage |
Similar Part No. - XC6201P202PR-G |
|
Similar Description - XC6201P202PR-G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |