Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6201P171TH Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6201P171TH
Description  Positive Voltage Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6201P171TH Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6201P171TH Datasheet HTML 1Page - Torex Semiconductor XC6201P171TH Datasheet HTML 2Page - Torex Semiconductor XC6201P171TH Datasheet HTML 3Page - Torex Semiconductor XC6201P171TH Datasheet HTML 4Page - Torex Semiconductor XC6201P171TH Datasheet HTML 5Page - Torex Semiconductor XC6201P171TH Datasheet HTML 6Page - Torex Semiconductor XC6201P171TH Datasheet HTML 7Page - Torex Semiconductor XC6201P171TH Datasheet HTML 8Page - Torex Semiconductor XC6201P171TH Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1/24
XC6201 Series
Positive Voltage Regulators
GENERAL DESCRIPTION
The XC6201 series are highly precise, low power consumption, positive voltage regulators manufactured using CMOS and
laser trimming technologies.
The series provides large currents with a significantly small dropout voltage.
The XC6201 consists of a current limiter circuit, a driver transistor, a precision reference voltage and an error amplifier. Output
voltage is selectable in 0.1V steps between 1.3V ~ 6.0V.
SOT-25, SOT-89, USP-6B and TO-92 packages are available.
APPLICATIONS
Mobile Phones
Cordless phones, wireless communication equipment
Cameras, video recorders
Portable games
Portable AV equipment
Reference voltage
Battery powered equipment
TYPICAL APPLICATION CIRCUIT
FEATURES
Maximum Output Current
: 250mA (TYP.)
Dropout Voltage
: 0.16V @ 100mA
: 0.40V @ 200mA
Maximum Operating Voltage
: 10V
Output Voltage Range
: 1.3V ~ 6.0V (0.1V increments)
Fixed Voltage Accuracy
: ±1% (VOUT(T)>2.0V)
±
2%
Low Power Consumption
: 2.0μA (TYP.)
Operational Temperature Range
: -40℃ ~ 85℃
Packages
: SOT-25,
SOT-89
TO-92
USP-6B
Environmentally Friendly
: EU RoHS Compliant, Pb Free
Tantalum or Ceramic Capacitor compatible
TYPICAL PERFORMANCE
CHARACTERISTICS
XC6201P332
ETR0301_004
Supply Current vs. Input Voltage


Similar Part No. - XC6201P171TH

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6201P171TH TOREX-XC6201P171TH Datasheet
483Kb / 22P
   Positive Voltage Regulators
More results

Similar Description - XC6201P171TH

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com