Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49LV001NT-12JI Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT49LV001NT-12JI
Description  1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LV001NT-12JI Datasheet(HTML) 3 Page - ATMEL Corporation

  AT49LV001NT-12JI Datasheet HTML 1Page - ATMEL Corporation AT49LV001NT-12JI Datasheet HTML 2Page - ATMEL Corporation AT49LV001NT-12JI Datasheet HTML 3Page - ATMEL Corporation AT49LV001NT-12JI Datasheet HTML 4Page - ATMEL Corporation AT49LV001NT-12JI Datasheet HTML 5Page - ATMEL Corporation AT49LV001NT-12JI Datasheet HTML 6Page - ATMEL Corporation AT49LV001NT-12JI Datasheet HTML 7Page - ATMEL Corporation AT49LV001NT-12JI Datasheet HTML 8Page - ATMEL Corporation AT49LV001NT-12JI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AT49BV/LV001(N)(T)
3
Device Operation
READ: The AT49BV/LV001(N)(T) is accessed like an
EPROM. When CE and OE are low and WE is high, the
data stored at the memory location determined by the
address pins is asserted on the outputs. The outputs are
put in the high impedance state whenever CE or OE is
high. This dual-line control gives designers flexibility in pre-
venting bus contention.
COMMAND SEQUENCES: When the device is first pow-
ered on it will be reset to the read or standby mode
depending upon the state of the control line inputs. In order
to perform other device functions, a series of command
sequences are entered into the device. The command
sequences are shown in the Command Definitions table.
The command sequences are written by applying a low
pulse on the WE or CE input with CE or WE low (respec-
tively) and OE high. The address is latched on the falling
edge of CE or WE, whichever occurs last. The data is
latched by the first rising edge of CE or WE. Standard
microprocessor write timings are used. The address loca-
tions used in the command sequences are not affected by
entering the command sequences.
RESET: A RESET input pin is provided to ease some sys-
tem applications. When RESET is at a logic high level, the
device is in its standard operating mode. A low level on the
RESET input halts the present device operation and puts
the outputs of the device in a high impedance state. If the
RESET pin makes a high to low transition during a program
or erase operation, the operation may not be successfully
completed and the operation will have to be repeated after
a high level is applied to the RESET pin. When a high level
is reasserted on the RESET pin, the device returns to the
read or standby mode, depending upon the state of the
control inputs. By applying a 12V
± 0.5V input signal to the
RESET pin, the boot block array can be reprogrammed
even if the boot block lockout feature has been enabled
(see Boot Block Programming Lockout Override section).
The RESET fea t ure is n o t availa ble on the
AT49BV/LV001N(T).
ERASURE: Before a byte can be reprogrammed, the main
memory block or parameter block which contains the byte
must be erased. The erased state of the memory bits is a
logical “1”. The entire device can be erased at one time by
using a 6 byte software code. The software chip erase
code consists of 6 byte load commands to specific address
locations with a specific data pattern (please refer to the
Chip Erase Cycle Waveforms).
After the software chip erase has been initiated, the device
will internally time the erase operation so that no external
clocks are required. The maximum time needed to erase
the whole chip is t
EC. If the boot block lockout feature has
been enabled, the data in the boot sector will not be
erased.
CHIP ERASE: If the boot block lockout has been enabled,
the Chip Erase function will erase Parameter Block 1,
Parameter Block 2, Main Memory Block 1, and Main Mem-
ory Block 2 but not the boot block. If the Boot Block Lockout
has not been enabled, the Chip Erase function will erase
the entire chip. After the full chip erase the device will
return back to read mode. Any command during chip erase
will be ignored.
SECTOR ERASE: As an alternative to a full chip erase, the
device is organized into sectors that can be individually
erased. There are two 8K-byte parameter block sections
and two main memory blocks. The 8K-byte parameter
block sections can be independently erased and repro-
grammed. The two main memory sections are designed to
be used as alternative memory sectors. That is, whenever
one of the blocks has been erased and reprogrammed, the
other block should be erased and reprogrammed before
the first block is again erased. The Sector Erase command
is a six bus cycle operation. The sector address is latched
on the falling WE edge of the sixth cycle while the 30H data
input command is latched at the rising edge of WE. The
sector erase starts after the rising edge of WE of the sixth
cycle. The erase operation is internally controlled; it will
automatically time to completion.
BYTE PROGRAMMING: Once the memory array is
erased, the device is programmed (to a logical “0”) on a
byte-by-byte basis. Please note that a data “0” cannot be
programmed back to a “1”; only erase operations can con-
vert “0”s to “1”s. Programming is accomplished via the
internal device command register and is a 4 bus cycle
operation (please refer to the Command Definitions table).
The device will automatically generate the required internal
program pulses.
The program cycle has addresses latched on the falling
edge of WE or CE, whichever occurs last, and the data
latched on the rising edge of WE or CE, whichever occurs
first. Programming is completed after the specified t
BP cycle
time. The DATA polling feature may also be used to indi-
cate the end of a program cycle.
BOOT BLOCK PROGRAMMING LOCKOUT: The device
has one designated block that has a programming lockout
feature. This feature prevents programming of data in the
designated block once the feature has been enabled. The
size of the block is 16K bytes. This block, referred to as the
boot block, can contain secure code that is used to bring up
the system. Enabling the lockout feature will allow the boot
code to stay in the device while data in the rest of the
device is updated. This feature does not have to be acti-
vated; the boot block’s usage as a write protected region is
optional to the user. The address range of the boot block is
00000 to 03FFF for the AT49BV/LV001(N) while the


Similar Part No. - AT49LV001NT-12JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LV001NT ATMEL-AT49LV001NT Datasheet
290Kb / 21P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
More results

Similar Description - AT49LV001NT-12JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
   1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV001A ATMEL-AT49BV001A Datasheet
182Kb / 18P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT29BV010A ATMEL-AT29BV010A_08 Datasheet
362Kb / 16P
   1-Megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV001 ATMEL-AT49BV-LV001 Datasheet
290Kb / 21P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV010A ATMEL-AT29BV010A Datasheet
490Kb / 10P
   1 Megabit 128K x 8 Single 2.7-volt Battery-Voltage CMOS Flash
AT49BV2048A ATMEL-AT49BV2048A Datasheet
263Kb / 17P
   2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV080 ATMEL-AT49BV080 Datasheet
201Kb / 12P
   8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
   4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
   2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com